Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76419D3S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HUF76419D3S
Description  20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76419D3S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HUF76419D3S Datasheet HTML 1Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 2Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 3Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 4Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 5Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 6Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 7Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 8Page - Fairchild Semiconductor HUF76419D3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUF76419D3, HUF76419D3S Rev. B
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 12)
60
-
-
V
ID = 250µA, VGS = 0V , TC = -40
oC (Figure 12)
55
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 55V, VGS = 0V
-
-
1
µA
VDS = 50V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 11)
1
-
3
V
Drain to Source On Resistance
rDS(ON)
ID = 20A, VGS = 10V (Figures 9, 10)
-
0.031
0.037
ID = 20A, VGS = 5V (Figure 9)
-
0.036
0.043
ID = 19A, VGS = 4.5V (Figure 9)
-
0.038
0.046
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
TO-251,TO-252
-
-
2.00
oC/W
Thermal Resistance Junction to
Ambient
RθJA
-
-
100
oC/W
SWITCHING SPECIFICATIONS (VGS = 4.5V)
Turn-On Time
tON
VDD = 30V, ID = 19A
VGS = 4.5V, RGS = 13Ω
(Figures 15, 21, 22)
-
-
205
ns
Turn-On Delay Time
td(ON)
-12-
ns
Rise Time
tr
-
124
-
ns
Turn-Off Delay Time
td(OFF)
-28-
ns
Fall Time
tf
-50-
ns
Turn-Off Time
tOFF
-
-
115
ns
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 30V, ID = 20A
VGS = 10V,
RGS = 13Ω
(Figures 16, 21, 22)
-
-
62
ns
Turn-On Delay Time
td(ON)
-6.5
-
ns
Rise Time
tr
-35-
ns
Turn-Off Delay Time
td(OFF)
-50-
ns
Fall Time
tf
-
50
-
ns
Turn-Off Time
tOFF
-
-
150
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 30V,
ID = 20A,
Ig(REF) = 1.0mA
(Figures 14, 19, 20)
-
23
27.5
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
12.5
15
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
0.9
1.05
nC
Gate to Source Gate Charge
Qgs
-2.7
-
nC
Gate to Drain “Miller” Charge
Qgd
-5.9
-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 13)
-
900
-
pF
Output Capacitance
COSS
-
250
-
pF
Reverse Transfer Capacitance
CRSS
-45-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 20A
-
-
1.25
V
ISD = 10A
-
-
1.0
V
Reverse Recovery Time
trr
ISD = 20A, dISD/dt = 100A/µs-
-
74
ns
Reverse Recovered Charge
QRR
ISD = 20A, dISD/dt = 100A/µs
-
-
200
nC
HUF76419D3, HUF76419D3S


Similar Part No. - HUF76419D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76419D3S FAIRCHILD-HUF76419D3S Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76419D3S INTERSIL-HUF76419D3S Datasheet
332Kb / 9P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUF76419D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76419D3 FAIRCHILD-HUF76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76419D3 INTERSIL-HUF76419D3 Datasheet
332Kb / 9P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUFA76429D3ST FAIRCHILD-HUFA76429D3ST Datasheet
352Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
ON Semiconductor
HUFA76429D3ST-F085 ONSEMI-HUFA76429D3ST-F085 Datasheet
420Kb / 11P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
September-2017, Rev. 1
logo
Fairchild Semiconductor
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T_10 Datasheet
548Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com