Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5152A Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE5152A
Description  NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5152A Datasheet(HTML) 2 Page - NTE Electronics

  NTE5152A Datasheet HTML 1Page - NTE Electronics NTE5152A Datasheet HTML 2Page - NTE Electronics NTE5152A Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Nominal
Zener
Max Zener Impedance
Max Reverse
Leakage Current
Max Surge
Max
Voltage
Max
Voltage
VZ @ IZT
(Note 1)
Test
Current
IZT
ZZT @ IZT
(Note 1)
ZZK @ IZK = 1mA
(Note 1)
IR
@VR
Current
ir
(Note 2)
Regulation
∆VZ
(Note 3)
Regulator
Current
IZM
Volts
mA
µA
Volts
Amps
Volt
mA
NTE5123A
8.7
150
2
200
10
6.6
9.5
0.2
545
NTE5124A
9.1
150
2
150
7.5
6.9
9.2
0.22
520
NTE5125A
10
125
2
125
5
7.6
8.6
0.22
475
NTE5126A
11
125
2.5
125
5
8.4
8
0.25
430
NTE5127A
12
100
2.5
125
2
9.1
7.5
0.25
395
NTE5128A
13
100
2.5
100
1
9.9
7
0.25
365
NTE5129A
14
100
2.5
75
1
10.6
6.7
0.25
340
NTE5130A
15
75
2.5
75
1
11.5
6.3
0.25
315
NTE5131A
16
75
2.5
75
1
12.2
6
0.3
295
NTE5132A
17
70
2.5
75
0.5
12.9
5.8
0.35
280
NTE5133A
18
65
2.5
75
0.5
13.7
5.5
0.4
265
NTE5134A
19
65
3
75
0.5
14.4
5.3
0.4
250
NTE5135A
20
65
3
75
0.5
15.2
5.1
0.4
237
NTE5136A
22
50
3.5
75
0.5
16.7
4.7
0.45
216
NTE5137A
24
50
3.5
100
0.5
18.2
4.4
0.55
198
NTE5138A
25
50
4
110
0.5
19
4.3
0.55
190
NTE5139A
27
50
5
120
0.5
20.6
4.1
0.6
176
NTE5140A
28
50
6
130
0.5
21.2
3.9
0.6
170
NTE5141A
30
40
8
140
0.5
22.8
3.7
0.6
158
NTE5142A
33
40
10
150
0.5
25.1
3.5
0.6
144
NTE5143A
36
30
11
160
0.5
27.4
3.3
0.65
132
NTE5144A
39
30
14
170
0.5
29.7
3.1
0.65
122
NTE5145A
43
30
20
190
0.5
32.7
2.8
0.7
110
NTE5146A
47
25
25
210
0.5
35.8
2.7
0.8
100
NTE5147A
51
25
27
230
0.5
38.8
2.5
0.9
93
NTE5148A
56
20
35
280
0.5
42.6
2.3
1
86
NTE5149A
60
20
40
350
0.5
42.5
2.2
1.2
79
NTE5150A
62
20
42
400
0.5
47.1
2.1
1.35
76
NTE5151A
68
20
44
500
0.5
51.7
2
1.5
70
NTE5152A
75
20
45
620
0.5
56
1.9
1.6
63
NTE5153A
82
15
65
720
0.5
62.2
1.8
1.8
58
NTE5154A
87
15
75
760
0.5
66
1.7
2
54.5
NTE5155A
91
15
75
760
0.5
69.2
1.6
2.2
52.5
NTE5156A
100
12
90
800
0.5
76
1.5
2.5
47.5
NTE5157A
110
12
125
1000
0.5
83.6
1.4
2.5
43
NTE5158A
120
10
170
1150
0.5
91.2
1.3
2.5
39.5


Similar Part No. - NTE5152A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE51 NTE-NTE51 Datasheet
24Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE5100A NTE-NTE5100A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
NTE5101A NTE-NTE5101A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
NTE5102A NTE-NTE5102A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
NTE5103A NTE-NTE5103A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
More results

Similar Description - NTE5152A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com