Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT2907A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # PZT2907A
Description  PN2907A / MMBT2907A / PZT2907A 60 V PNP General Purpose Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZT2907A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  PZT2907A Datasheet HTML 1Page - Fairchild Semiconductor PZT2907A Datasheet HTML 2Page - Fairchild Semiconductor PZT2907A Datasheet HTML 3Page - Fairchild Semiconductor PZT2907A Datasheet HTML 4Page - Fairchild Semiconductor PZT2907A Datasheet HTML 5Page - Fairchild Semiconductor PZT2907A Datasheet HTML 6Page - Fairchild Semiconductor PZT2907A Datasheet HTML 7Page - Fairchild Semiconductor PZT2907A Datasheet HTML 8Page - Fairchild Semiconductor PZT2907A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 1998 Fairchild Semiconductor Corporation
www.fairchildsemi.com
PN2907A / MMBT2907A / PZT2907A Rev. 1.1.1
2
Absolute Maximum Ratings(1)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
These ratings are based on a maximum junction temperature of 150
°C.
These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed
or low duty-cycle operations.
2. All voltages (V) and currents (A) are negative polarity for PNP Transistors.
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. PCB size FR-4 76 x 114 x 0.6T mm3 (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Symbol
Parameter
Ratings
Units
VCEO
Collector-Emitter Voltage
-60
V
VCBO
Collector-Base Voltage
-60
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current-Continuous
-800
mA
TJ, TSTG(2) Operating and Storage Junction Temperature Range
-55 to + 150
°C
Symbol
Parameter
Max.
Units
PN2897A
MMBT2907A
PZT2907A
PD
Total Device Dissipation
625
350
1000
mW
Derate above 25
°C5.0
2.8
8.0
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
125
°C/W


Similar Part No. - PZT2907A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PZT2907A MOTOROLA-PZT2907A Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
PZT2907A WINNERJOIN-PZT2907A Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
PZT2907A ONSEMI-PZT2907A Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
August, 2013 ??Rev. 10
logo
NXP Semiconductors
PZT2907A PHILIPS-PZT2907A Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 14
More results

Similar Description - PZT2907A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC856BMB NEXPERIA-BC856BMB Datasheet
664Kb / 12P
   60 V, 100 mA PNP general-purpose transistor
BC856BM NEXPERIA-BC856BM Datasheet
664Kb / 12P
   60 V, 100 mA PNP general-purpose transistor
logo
Central Semiconductor C...
CP591X-2N2905A CENTRAL-CP591X-2N2905A Datasheet
557Kb / 4P
   PNP - General Purpose Transistor Die 0.6 Amp, 60 Volt
R1 25-April 2017
logo
NXP Semiconductors
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
logo
Nexperia B.V. All right...
BC857QAS NEXPERIA-BC857QAS Datasheet
688Kb / 13P
   45 V, 100 mA PNP/PNP general-purpose transistor
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
logo
NXP Semiconductors
BC856S NXP-BC856S Datasheet
94Kb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 02-19 February 2009
logo
Nexperia B.V. All right...
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
logo
NXP Semiconductors
BC857QAS PHILIPS-BC857QAS_15 Datasheet
215Kb / 13P
   45 V, 100 mA PNP/PNP general-purpose transistor
8 July 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com