Electronic Components Datasheet Search |
|
AD674BJN Datasheet(PDF) 2 Page - Analog Devices |
|
AD674BJN Datasheet(HTML) 2 Page - Analog Devices |
2 / 12 page J Grade K Grade A Grade B Grade T Grade Model (AD674B or AD774B) Min Typ Max Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit RESOLUTION 12 12 12 12 12 Bits LINEARITY ERROR @ 25 °C 1 1/2 1 1/2 1/2 LSB TMIN to TMAX 1 1/2 1 1/2 1 LSB DIFFERENTIAL LINEARITY ERROR (Minimum Resolution for Which No Missing Codes are Guaranteed) 12 12 12 12 12 Bits UNIPOLAR OFFSET 1 @ 25 °C 2 2 2 2 2 LSB BIPOLAR OFFSET 1 @ 25 °C 6 3 6 3 3 LSB FULL-SCALE CALIBRATION ERROR 1, 2 @ 25 °C (with Fixed 50 Ω Resistor from REF OUT to REF IN) 0.1 0.25 0.1 0.125 0.1 0.25 0.1 0.125 0.1 0.125 % of FS TEMPERATURE RANGE 0 70 0 70 –40 +85 –40 +85 –55 +125 °C TEMPERATURE DRIFT 3 (Using Internal Reference) Unipolar 2 1 2 1 1 LSB Bipolar Offset 2 1 2 1 2 LSB Full-Scale Calibration 6 2 8 5 7 LSB POWER SUPPLY REJECTION Max Change in Full-Scale Calibration VCC = +15 V ± 1.5 V or +12 V ± 0.6 V 2 1 2 1 1 LSB VLOGIC = +5 V ± 0.5 V 1/2 1/2 1/2 1/2 1/2 LSB VEE = –15 V ± 1.5 V or –12 V ± 0.6 V 2 1 2 1 1 LSB ANALOG INPUT Input Ranges Bipolar –5 +5 –5 +5 –5 +5 –5 +5 –5 +5 V –10 +10 –10 +10 –10 +10 –10 +10 –10 +10 V Unipolar 0 10 0 10 0 10 0 10 0 10 V 0 20 0 20 0 20 0 20 0 20 V Input Impedance 10 V Span 3 5 73 5 73 5 73 5 73 5 7 k Ω 20 V Span 6 10 14 6 10 14 6 10 14 6 10 14 6 10 14 k Ω POWER SUPPLIES Operating Range VLOGIC 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 V VCC 11.4 16.5 11.4 16.5 11.4 16.5 11.4 16.5 11.4 16.5 V VEE –16.5 –11.4 –16.5 –11.4 –16.5 –11.4 –16.5 –11.4 –16.5 –11.4 V Operating Current ILOGIC 3.5 7 3.5 7 3.5 7 3.5 7 3.5 7 mA ICC 3.5 7 3.5 7 3.5 7 3.5 7 3.5 7 mA IEE 10 14 10 14 10 14 10 14 10 14 mA POWER CONSUMPTION 220 375 220 375 220 375 220 375 220 375 mW 4 175 175 175 175 175 mW 5 INTERNAL REFERENCE VOLTAGE 9.9 10.0 10.1 9.9 10.0 10.1 9.9 10.0 10.1 9.9 10.0 10.1 9.9 10.0 10.1 V Output Current (Available for External Loads) 2.0 2.0 2.0 2.0 2.0 mA (External Load Should Not Change During the Conversion) NOTES 1Adjustable to zero. 2Includes internal voltage reference error. 3Maximum change from 25 °C value to the value at TMIN or TMAX. 4Tested with REF OUT tied to REF IN through 50 Ω resistor, VCC = +16.5 V, VEE = –16.5 V, VLOGIC = +5.5 V, and outputs in high-Z mode. 5Tested with REF OUT tied to REF IN through 50 Ω resistor, V CC = +12 V, VEE = –12 V, VLOGIC = +5 V, and outputs in high-Z mode. Specifications subject to change without notice. Specifications shown in boldface are tested on all devices at final electrical test at TMIN, 25 °C, and T MAX. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested. AD674B/AD774B–SPECIFICATIONS (T MIN to TMAX with VCC = +15 V 10% or +12 V 5%, VLOGIC = +5 V 10%, VEE = –15 V 10% or –12 V 5%, unless otherwise noted.) REV. C –2– |
Similar Part No. - AD674BJN |
|
Similar Description - AD674BJN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |