Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGT1S12N60C3S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HGT1S12N60C3S
Description  24A, 600V, UFS Series N-Channel IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S12N60C3S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HGT1S12N60C3S Datasheet HTML 1Page - Fairchild Semiconductor HGT1S12N60C3S Datasheet HTML 2Page - Fairchild Semiconductor HGT1S12N60C3S Datasheet HTML 3Page - Fairchild Semiconductor HGT1S12N60C3S Datasheet HTML 4Page - Fairchild Semiconductor HGT1S12N60C3S Datasheet HTML 5Page - Fairchild Semiconductor HGT1S12N60C3S Datasheet HTML 6Page - Fairchild Semiconductor HGT1S12N60C3S Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©2001 Fairchild Semiconductor Corporation
HGTP12N60C3, HGT1S12N60C3S Rev. B
FIGURE 13. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 14. SWITCHING SAFE OPERATING AREA
FIGURE 15. CAPACITANCE vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 16. GATE CHARGE WAVEFORMS
FIGURE 17. IGBT NORMALIZED TRANSIENT THERMAL IMPEDANCE, JUNCTION TO CASE
Typical Performance Curves (Continued)
ICE, COLLECTOR TO EMITTER CURRENT (A)
510
20
30
10
100
200
1
fMAX2 = (PD - PC)/(EON + EOFF)
PD = ALLOWABLE DISSIPATION
PC = CONDUCTION DISSIPATION
fMAX1 = 0.05/(tD(OFF)I + tD(ON)I)
(DUTY FACTOR = 50%)
RθJC = 1.2
oC/W
TJ = 150
oC, T
C = 75
oC
RG = 25Ω, L = 100µH
VGE = 15V
VGE = 10V
VCE(PK), COLLECTOR TO EMITTER VOLTAGE (V)
0
100
200
300
400
500
600
0
20
40
60
80
TJ = 150
oC, V
GE = 15V, RG = 25Ω, L = 100µH
100
LIMITED BY
CIRCUIT
COES
CRES
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
5
10
15
20
25
0
500
1000
1500
2000
2500
CIES
FREQUENCY = 1MHz
QG, GATE CHARGE (nC)
IG(REF) = 1.276mA, RL = 50Ω, TC = 25
oC
0
240
120
360
480
600
15
12
9
6
3
0
VCE = 600V
VCE = 400V
VCE = 200V
10
20
30
40
50
60
0
t1, RECTANGULAR PULSE DURATION (s)
10-5
10-3
100
101
10-4
10-1
10-2
100
10-1
10-2
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X Z
θJC X RθJC) + TC
t1
t2
PD
SINGLE PULSE
0.5
0.2
0.1
0.05
0.02
0.01
HGTP12N60C3, HGT1S12N60C3S


Similar Part No. - HGT1S12N60C3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S12N60C3S INTERSIL-HGT1S12N60C3S Datasheet
119Kb / 6P
   24A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGT1S12N60C3S HARRIS-HGT1S12N60C3S Datasheet
131Kb / 6P
   24A, 600V, UFS Series N-Channel IGBTs
More results

Similar Description - HGT1S12N60C3S

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTP12N60C3 HARRIS-HGTP12N60C3 Datasheet
131Kb / 6P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTP12N60C3 INTERSIL-HGTP12N60C3 Datasheet
119Kb / 6P
   24A, 600V, UFS Series N-Channel IGBTs
January 2000
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTP12N60B3 INTERSIL-HGTP12N60B3 Datasheet
112Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com