Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1853JRS Datasheet(PDF) 2 Page - Analog Devices

Part # AD1853JRS
Description  Stereo, 24-Bit, 192 kHz, Multibit  DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1853JRS Datasheet(HTML) 2 Page - Analog Devices

  AD1853JRS Datasheet HTML 1Page - Analog Devices AD1853JRS Datasheet HTML 2Page - Analog Devices AD1853JRS Datasheet HTML 3Page - Analog Devices AD1853JRS Datasheet HTML 4Page - Analog Devices AD1853JRS Datasheet HTML 5Page - Analog Devices AD1853JRS Datasheet HTML 6Page - Analog Devices AD1853JRS Datasheet HTML 7Page - Analog Devices AD1853JRS Datasheet HTML 8Page - Analog Devices AD1853JRS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD1853–SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD)+5.0 V
Ambient Temperature
+25
°C
Input Clock
24.576 MHz (512
× FS Mode)
Input Signal
996.094 kHz
–0.5 dB Full Scale
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
20 Bits
Input Voltage HI
3.5 V
Input Voltage LO
0.8 V
ANALOG PERFORMANCE (See Figures)
Min
Typ
Max
Units
Resolution
24
Bits
Signal-to-Noise Ratio (20 Hz to 20 kHz)
No Filter (Stereo)
114
dB
No Filter (Mono—See Figure 30)
117
dB
With A-Weighted Filter (Stereo)
117
dB
With A-Weighted Filter (Mono—See Figure 30)
120
dB
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter (Stereo)
107.5
113
dB
No Filter (Mono—See Figure 30)
116
dB
With A-Weighted Filter (Stereo)
110
116
dB
With A-Weighted Filter (Mono—See Figure 30)
119
dB
Total Harmonic Distortion + Noise (Stereo)
–94
–104
dB
0.00063
%
Total Harmonic Distortion + Noise (Mono—See Figure 30)
–107
dB
0.00045
%
Analog Outputs
Differential Output Range (
±Full Scale w/1 mA into IREF)
3.0
mA p-p
Output Capacitance at Each Output Pin
30
pF
Out-of-Band Energy (0.5
× FS to 75 kHz)
–90
dB
CMOUT
2.75
V
DC Accuracy
Gain Error
±3.0
%
Interchannel Gain Mismatch
–0.15
0.01
+0.15
dB
Gain Drift
25
ppm/
°C
Interchannel Crosstalk (EIAJ Method)
–125
dB
Interchannel Phase Deviation
±0.1
Degrees
Mute Attenuation
–100
dB
De-Emphasis Gain Error
±0.1
dB
NOTES
Single-ended current output range: 1 mA
± 0.75 mA.
Performance of right and left channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Specifications subject to change without notice.
DIGITAL I/O (+25 C–AVDD, DVDD = +5.0 V
10%)
Min
Typ
Max
Units
Input Voltage HI (VIH)
2.4
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 3.5 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
Input Capacitance
20
pF
Output Voltage HI (VOH)DVDD–0.5
DVDD–0.4
V
Output Voltage LO (VOL)
0.2
0.5
V
Specifications subject to change without notice.


Similar Part No. - AD1853JRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1853JRS AD-AD1853JRS Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSRL AD-AD1853JRSRL Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com