Electronic Components Datasheet Search |
|
KC355QD72J274KH01K Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd. |
|
KC355QD72J274KH01K Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd. |
4 / 67 page C03E.pdf May.17,2013 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 2 Please check the MURATA home page (http://www.murata.com/) if you cannot find a part number in this catalog. o Part Numbering (Part Number) w qProduct ID wSeries Chip Monolithic Ceramic Capacitors for Automotive GC KC 3 D E G J M 3 M High effective capacitance & High allowable ripple current Specially designed product to reduce shorts Specially designed product to reduce shorts & resin electrode product Conductivity adhesive compatible type Resin external electrode product For automotive Metal terminal type/High effective capacitance & High allowable ripple current Metal terminal type Product ID Code Series GC q M e 18 r 8 t R7 y 1H u 102 i K o A37 eChip Dimension (LgW) !0 D Code 0.6 g0.3mm 1.0 g0.5mm 1.6 g0.8mm 2.0 g1.25mm 3.2 g1.6mm 3.2 g2.5mm 4.5 g3.2mm 5.7 g5.0mm Dimension (L gW) 0201 0402 0603 0805 1206 1210 1812 2220 EIA 03 15 18 21 31 32 43 55 B C D E M N Q R X 1.25mm 1.6mm 2.0mm 2.5mm 1.15mm 1.35mm 1.5mm 1.8mm Depends on individual standards. A 1.0mm rHeight Dimension (T) (Except KCp) Code 3 5 6 8 9 0.3mm 0.5mm 0.6mm 0.8mm 0.85mm Dimension (T) rHeight Dimension (T) (KCp Only) Code L Q T W 2.8mm 3.7mm 4.8mm 6.4mm Dimension (T) tTemperature Characteristics Code Temperature Characteristic Codes Public STD Code Reference Temperature Temperature Characteristics Capacitance Change Each Temperature (%) Capacitance Change or Temperature Coefficient Operating Temperature Range –55°C Max. –25°C –10°C Temperature Range Min. Max. Min. Max. Min. CHA CG CH CJ CK C0G X8G U2J X7S X7T X8L R *1 X7R X8R *2 JIS JIS JIS JIS EIA *2 EIA EIA EIA *2 JIS EIA EIA 20°C 20°C 20°C 20°C 20°C 25°C 25°C 25°C 25°C 25°C 25°C 20°C 25°C 25°C 0C 1C 2C 3C 4C 5C 5G 7U C7 D7 L8 R1 R7 R9 20 to 150°C 20 to 125°C 20 to 125°C 20 to 125°C 20 to 125°C 25 to 125°C 25 to 150°C 25 to 125°C *3 –55 to 125°C –55 to 125°C –55 to 150°C –55 to 125°C –55 to 125°C –55 to 150°C 0±60ppm/°C 0±30ppm/°C 0±60ppm/°C 0±120ppm/°C 0±250ppm/°C 0±30ppm/°C 0±30ppm/°C –750±120ppm/°C ±22% +22%, –33% +15%, –40% ±15% ±15% ±15% –55 to 150°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 150°C –55 to 125°C –55 to 125°C –55 to 125°C –55 to 150°C –55 to 125°C –55 to 125°C –55 to 150°C 0.82 0.54 0.82 1.37 2.56 0.58 0.58 8.78 - - - - - - –0.45 –0.23 –0.45 –0.9 –1.88 –0.24 –0.24 5.04 - - - - - - 0.49 0.33 0.49 0.82 1.54 0.4 0.4 6.04 - - - - - - –0.27 –0.14 –0.27 –0.54 –1.13 –0.17 –0.17 3.47 - - - - - - 0.33 0.22 0.33 0.55 1.02 0.25 0.25 3.84 - - - - - - –0.18 –0.09 –0.18 –0.36 –0.75 –0.11 –0.11 2.21 - - - - - - *1 Capacitance change is specified with 50% rated voltage applied. *2 Murata Temperature Characteristic Code. *3 Rated Voltage 100Vdc max: 25 to 85°C Continued on the following page. |
Similar Part No. - KC355QD72J274KH01K |
|
Similar Description - KC355QD72J274KH01K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |