Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11L1MTV-M Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # H11L1MTV-M
Description  6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11L1MTV-M Datasheet(HTML) 8 Page - Fairchild Semiconductor

  H11L1MTV-M Datasheet HTML 1Page - Fairchild Semiconductor H11L1MTV-M Datasheet HTML 2Page - Fairchild Semiconductor H11L1MTV-M Datasheet HTML 3Page - Fairchild Semiconductor H11L1MTV-M Datasheet HTML 4Page - Fairchild Semiconductor H11L1MTV-M Datasheet HTML 5Page - Fairchild Semiconductor H11L1MTV-M Datasheet HTML 6Page - Fairchild Semiconductor H11L1MTV-M Datasheet HTML 7Page - Fairchild Semiconductor H11L1MTV-M Datasheet HTML 8Page - Fairchild Semiconductor H11L1MTV-M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3/24/03
Page 8 of 9
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP
OPTOISOLATORS LOGIC OUTPUT
H11L1M
H11L2M
H11L3M
NOTE
All dimensions are in inches (millimeters)
Reflow Profile
Carrier Tape Specifications
4.0
± 0.1
Ø1.5 MIN
User Direction of Feed
2.0
± 0.05
1.75
± 0.10
11.5
± 1.0
24.0
± 0.3
12.0
± 0.1
0.30
± 0.05
21.0
± 0.1
4.5
± 0.20
0.1 MAX
10.1
± 0.20
9.1
± 0.20
Ø1.5
± 0.1/-0
Ramp up = 2–10
°C/sec
• Peak reflow temperature: 245
°C (package surface temperature)
• Time of temperature higher than 183
°C for 120–180 seconds
• One time soldering reflow is recommended
230
°C, 10–30 s
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183
°C, 120–180 sec
245
°C peak


Similar Part No. - H11L1MTV-M

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
H11L1MT1 CTMICRO-H11L1MT1 Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
H11L1MT1G CTMICRO-H11L1MT1G Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
H11L1MT2 CTMICRO-H11L1MT2 Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
H11L1MT2G CTMICRO-H11L1MT2G Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
More results

Similar Description - H11L1MTV-M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MOC5007 MOTOROLA-MOC5007 Datasheet
292Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
QT Optoelectronics
H11L1D QT-H11L1D Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com