Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9288BST-40 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9288BST-40
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288BST-40 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9288BST-40 Datasheet HTML 3Page - Analog Devices AD9288BST-40 Datasheet HTML 4Page - Analog Devices AD9288BST-40 Datasheet HTML 5Page - Analog Devices AD9288BST-40 Datasheet HTML 6Page - Analog Devices AD9288BST-40 Datasheet HTML 7Page - Analog Devices AD9288BST-40 Datasheet HTML 8Page - Analog Devices AD9288BST-40 Datasheet HTML 9Page - Analog Devices AD9288BST-40 Datasheet HTML 10Page - Analog Devices AD9288BST-40 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD9288
Rev. C | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VD, VDD
4 V
Analog Inputs
–0.5 V to VD + 0.5 V
Digital Inputs
–0.5 V to VDD + 0.5 V
VREF IN
–0.5 V to VD + 0.5 V
Digital Output Current
20 mA
Operating Temperature
–55°C to +125°C
Storage Temperature
–65°C to +150°C
Maximum Junction Temperature
150°C
Maximum Case Temperature
150°C
Thermal Impedance
θja
57°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9288BST-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288BST-40 AD-AD9288BST-40 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9288BST-40 AD-AD9288BST-40 Datasheet
633Kb / 25P
   Dual A/D Converter
More results

Similar Description - AD9288BST-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com