Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32671L6473 Datasheet(PDF) 11 Page - EPCOS

Part # B32671L6473
Description  Film Capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32671L6473 Datasheet(HTML) 11 Page - EPCOS

Back Button B32671L6473 Datasheet HTML 7Page - EPCOS B32671L6473 Datasheet HTML 8Page - EPCOS B32671L6473 Datasheet HTML 9Page - EPCOS B32671L6473 Datasheet HTML 10Page - EPCOS B32671L6473 Datasheet HTML 11Page - EPCOS B32671L6473 Datasheet HTML 12Page - EPCOS B32671L6473 Datasheet HTML 13Page - EPCOS B32671L6473 Datasheet HTML 14Page - EPCOS B32671L6473 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
dV/dt values
Lead spacing 15 mm
Type
B32672L
VRMS (V AC)
160
200
250
500
600
700
900
VR (V DC)
250
420
630
1000
1300
1600
2000
2000
CR (nF)
dV/dt in V/
µs
0.68
15000
1.0
10000
15000
1.2
9400
14100
1.5
9000
13500
2.2
7500
11000
2.7
7100
10600
3.3
6800
10000
3.9
6000
9000
4.7
5500
8200
5.6
5000
7500
6.2
3600
4700
7000
6.8
1000
3500
4500
6700
8.2
3100
4200
10
445
1000
2800
3900
12
2600
3600
15
445
2300
3300
22
445
1000
2000
2900
33
300
445
1000
1700
2300
47
300
445
1000
1400
56
68
200
300
445
1000
100
200
300
445
150
170
200
300
445
220
170
200
300
330
170
200
390
300
470
170
200
680
170
200
1000
170
B32671L ... B32672L
High V AC, high temperature (wound)
Page 11 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32671L6473

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32671L6473 EPCOS-B32671L6473 Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32671L6473 EPCOS-B32671L6473 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32671L6473 EPCOS-B32671L6473 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32671L6473 TDK-B32671L6473 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32671L6473

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com