Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3PN015ZVQ100I Datasheet(PDF) 2 Page - Microsemi Corporation

Part # A3PN015ZVQ100I
Description  ProASIC3 nano Flash FPGAs
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PN015ZVQ100I Datasheet(HTML) 2 Page - Microsemi Corporation

  A3PN015ZVQ100I Datasheet HTML 1Page - Microsemi Corporation A3PN015ZVQ100I Datasheet HTML 2Page - Microsemi Corporation A3PN015ZVQ100I Datasheet HTML 3Page - Microsemi Corporation A3PN015ZVQ100I Datasheet HTML 4Page - Microsemi Corporation A3PN015ZVQ100I Datasheet HTML 5Page - Microsemi Corporation A3PN015ZVQ100I Datasheet HTML 6Page - Microsemi Corporation A3PN015ZVQ100I Datasheet HTML 7Page - Microsemi Corporation A3PN015ZVQ100I Datasheet HTML 8Page - Microsemi Corporation A3PN015ZVQ100I Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 114 page
background image
II
Revision 11
I/Os Per Package
ProASIC3 nano Device Status
ProASIC3 nano Devices
A3PN010
A3PN0151
A3PN020
A3PN060
A3PN125
A3PN250
ProASIC3 nano-Z Devices1
A3PN030Z1
A3PN060Z1 A3PN125Z1 A3PN250Z1
Known Good Die
34
52
83
71
71
68
QN48
34
34
QN68
49
49
49
VQ100
77
717168
Notes:
1. Not recommended for new designs.
2. When considering migrating your design to a lower- or higher-density device, refer to the ProASIC3 FPGA Fabric User’s Guide
to ensure compliance with design and board migration requirements.
3. "G" indicates RoHS-compliant packages. Refer to "ProASIC3 nano Ordering Information" on page III for the location of the "G"
in the part number. For nano devices, the VQ100 package is offered in both leaded and RoHS-compliant versions. All other
packages are RoHS-compliant only.
Table 2 • ProASIC3 nano FPGAs Package Sizes Dimensions
Packages
QN48
QN68
VQ100
Length × Width (mm\mm)
6 x 6
8 x 8
14 x 14
Nominal Area (mm2)
36
64
196
Pitch (mm)
0.4
0.4
0.5
Height (mm)
0.90
0.90
1.20
ProASIC3 nano Devices
Status
ProASIC3 nano-Z Devices
Status
A3PN010
Production
A3PN015
Not recommended for new designs.
A3PN020
Production
A3PN030Z
Not recommended for new designs.
A3PN060
Production
A3PN060Z
Not recommended for new designs.
A3PN125
Production
A3PN125Z
Not recommended for new designs.
A3PN250
Production
A3PN250Z
Not recommended for new designs.


Similar Part No. - A3PN015ZVQ100I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN015 MICROSEMI-A3PN015 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN015 MICROSEMI-A3PN015 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN015 MICROSEMI-A3PN015 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN015 ACTEL-A3PN015 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results

Similar Description - A3PN015ZVQ100I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com