Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72650M0231K072 Datasheet(PDF) 5 Page - EPCOS

Part # B72650M0231K072
Description  Ceramic transient voltage suppressors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72650M0231K072 Datasheet(HTML) 5 Page - EPCOS

  B72650M0231K072 Datasheet HTML 1Page - EPCOS B72650M0231K072 Datasheet HTML 2Page - EPCOS B72650M0231K072 Datasheet HTML 3Page - EPCOS B72650M0231K072 Datasheet HTML 4Page - EPCOS B72650M0231K072 Datasheet HTML 5Page - EPCOS B72650M0231K072 Datasheet HTML 6Page - EPCOS B72650M0231K072 Datasheet HTML 7Page - EPCOS B72650M0231K072 Datasheet HTML 8Page - EPCOS B72650M0231K072 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vclamp,max
V
Iclamp
(8/20 µs)
A
Ctyp
(1 kHz, 1 V)
pF
CU3225K11G2
18
±10
36
1
1750
CU4032K11G2
18
±10
36
2.5
2750
CU3225K14G2
22
±10
43
1
1450
CU4032K14G2
22
±10
43
2.5
2300
CU3225K17G2
27
±10
53
1
1200
CU4032K17G2
27
±10
53
2.5
1900
CU3225K20G2
33
±10
65
1
980
CU4032K20G2
33
±10
65
2.5
1600
CU3225K25G2
39
±10
77
1
850
CU4032K25G2
39
±10
77
2.5
1400
CU3225K30G2
47
±10
93
1
720
CU4032K30G2
47
±10
93
2.5
1200
CU3225K35G2
56
±10
110
1
620
CU4032K35G2
56
±10
110
2.5
1050
CU3225K40G2
68
±10
135
1
520
CU4032K40G2
68
±10
135
2.5
900
CU3225K50G2
82
±10
135
5
300
CU4032K50G2
82
±10
135
10
530
CU3225K60G2
100
±10
165
5
250
CU4032K60G2
100
±10
165
10
480
CU3225K75G2
120
±10
200
5
210
CU4032K75G2
120
±10
200
10
430
CU3225K95G2
150
±10
250
5
135
CU4032K95G2
150
±10
250
10
260
CU3225K115G2
180
±10
300
5
110
CU4032K115G2
180
±10
300
10
220
CU3225K130G2
205
±10
340
5
100
CU4032K130G2
205
±10
340
10
200
CU3225K140G2
220
±10
360
5
95
CU4032K140G2
220
±10
360
10
180
CU3225K150G2
240
±10
395
5
90
CU4032K150G2
240
±10
395
10
170
CU3225K175G2
270
±10
455
5
75
CU4032K175G2
270
±10
455
10
150
SMD disk varistors (CU varistors)
Standard series
Page 5 of 35
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72650M0231K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72650M0231K072 EPCOS-B72650M0231K072 Datasheet
96Kb / 7P
   Monolithic; Standard Series
B72650M0231K072 EPCOS-B72650M0231K072 Datasheet
846Kb / 33P
   Ceramic transient voltage suppressors SMD disk varistors standard series
B72650M0231K072 EPCOS-B72650M0231K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
B72650M0231K072 EPCOS-B72650M0231K072 Datasheet
885Kb / 36P
   Ceramic transient voltage suppressors
More results

Similar Description - B72650M0231K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com