Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41890B5188M Datasheet(PDF) 6 Page - EPCOS

Part # B41890B5188M
Description  Aluminum electrolytic capacitors
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41890B5188M Datasheet(HTML) 6 Page - EPCOS

Back Button B41890B5188M Datasheet HTML 2Page - EPCOS B41890B5188M Datasheet HTML 3Page - EPCOS B41890B5188M Datasheet HTML 4Page - EPCOS B41890B5188M Datasheet HTML 5Page - EPCOS B41890B5188M Datasheet HTML 6Page - EPCOS B41890B5188M Datasheet HTML 7Page - EPCOS B41890B5188M Datasheet HTML 8Page - EPCOS B41890B5188M Datasheet HTML 9Page - EPCOS B41890B5188M Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for d
× l = 10 × 20 ... 12.5 × 25 mm and ∅ 16 ... 18 mm)
002 = for cut leads, bulk (for
∅ 10 ... 18 mm, excluding d × l = 12.5 × 30/40 mm)
003 = for crimped leads, blister (for
∅ 16 ... 18 mm)
004 = for J leads, blister (for
∅ 10 ... 18 mm, excluding d × l = 12.5 × 30/40 and 18 × 40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (for d
× l = 10 × 16 ... 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (for
∅ 16 mm and d × l = 18 × 20 ...
18
× 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 ... 18 mm)
VR = 16 V DC
220
10
× 16
1.104
0.138
0.115
965
B41890A4227M***
270
10
× 16
1.104
0.138
0.115
965
B41890A4277M***
330
10
× 16
1.104
0.138
0.115
965
B41890A4337M***
390
10
× 16
1.104
0.138
0.115
965
B41890A4397M***
470
10
× 16
1.104
0.138
0.115
965
B41890A4477M***
560
10
× 16
1.104
0.138
0.115
965
B41890A4567M***
680
10
× 16
1.104
0.138
0.115
965
B41890A4687M***
820
10
× 20
0.595
0.074
0.062
1205
B41890A4827M***
1000
12.5
× 20
0.528
0.066
0.055
1820
B41890A4108M***
1200
12.5
× 20
0.528
0.066
0.055
1820
B41890A4128M***
1500
12.5
× 25
0.365
0.046
0.038
2280
B41890A4158M***
1800
12.5
× 25
0.365
0.046
0.038
2280
B41890A4188M***
2200
12.5
× 30
0.298
0.037
0.031
2860
B41890A4228M***
2200
16
× 20
0.365
0.046
0.038
2280
B41890B4228M***
2700
16
× 25
0.288
0.036
0.030
2860
B41890A4278M***
2700
18
× 20
0.336
0.042
0.035
2490
B41890B4278M***
3300
16
× 31.5
0.240
0.030
0.025
3160
B41890A4338M***
3900
16
× 31.5
0.240
0.030
0.025
3160
B41890A4398M***
4700
18
× 31.5
0.230
0.029
0.024
3500
B41890A4478M***
5600
18
× 35
0.211
0.026
0.022
3840
B41890A4568M***
6800
18
× 40
0.173
0.022
0.018
4230
B41890A4688M***
B41890
Extended useful life
105
°C
Page 6 of 34
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41890B5188M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41890B5188M000 EPCOS-B41890B5188M000 Datasheet
562Kb / 29P
   Aluminum electrolytic capacitors
B41890B5188M001 EPCOS-B41890B5188M001 Datasheet
562Kb / 29P
   Aluminum electrolytic capacitors
B41890B5188M008 EPCOS-B41890B5188M008 Datasheet
562Kb / 29P
   Aluminum electrolytic capacitors
B41890B5188M012 EPCOS-B41890B5188M012 Datasheet
562Kb / 29P
   Aluminum electrolytic capacitors
More results

Similar Description - B41890B5188M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com