Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5330G Datasheet(PDF) 1 Page - Rohm

Part # BD5330G
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5330G Datasheet(HTML) 1 Page - Rohm

  BD5330G Datasheet HTML 1Page - Rohm BD5330G Datasheet HTML 2Page - Rohm BD5330G Datasheet HTML 3Page - Rohm BD5330G Datasheet HTML 4Page - Rohm BD5330G Datasheet HTML 5Page - Rohm BD5330G Datasheet HTML 6Page - Rohm BD5330G Datasheet HTML 7Page - Rohm BD5330G Datasheet HTML 8Page - Rohm BD5330G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300040-1-2
TSZ22111・14・001
1/10
19.DEC.2011 Rev.002
Datasheet
Voltage Detector IC Series
Free Delay Time Setting
CMOS Voltage Detector IC Series
BD52xx series
BD53xx series
●General Description
ROHM’s BD52xx and BD53xx series are highly
accurate, low current consumption reset IC series with
a built-in delay circuit. The lineup was established with
tow output types (Nch open drain and CMOS output)
and detection voltages range from 2.3V to 6.0V in
increments of 0.1V, so that the series may be selected
according the application at hand.
●Features
Free delay time setting by external capacitor
Two output types (Nch open drain and CMOS output)
Ultra-low current consumption
Very small and low height package
●Key Specifications
Detection voltage:
2.3V to 6.0V (Typ.)
0.1V steps
High accuracy detection voltage:
±1.0%
Ultra-low current consumption:
0.95µA (Typ.)
●Package
SSOP5:
2.90mm x 2.80mm x 1.15mm
VSOF5:
1.60mm x 1.60mm x 0.60mm
●Applications
All electronic devices that use micro controllers and logic
circuits
●Typical Application Circuit
●Connection Diagram
SSOP5
VSOF5
●Pin Descriptions
SSOP5
VSOF5
PIN No.
Symbol
Function
PIN No.
Symbol
Function
1
VOUT
Reset Output
1
VOUT
Reset Output
2
VDD
Power Supply Voltage
2
SUB
Substrate*
3
GND
GND
3
CT
Capacitor connection terminal for
output delay time
4
N.C.
Unconnected Terminal
4
GND
GND
5
CT
Capacitor connection terminal for
output delay time
5
VDD
Power Supply Voltage
*Connect the substrate to GND.
Open Drain Output type
BD52xx Series
CMOS Output type
BD53xx Series
VDD1
BD52xx
VDD2
GND
CL
(Capacitor for
noise filtering)
CT
RL
RST
Micro
controller
VDD1
BD53xx
GND
CT
CL
(Capacitor for
noise filtering)
RST
Micro
controller
TOP VIEW
TOP VIEW
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
VOUT
VDD GND
N.C.
CT
Lot. No
Marking
GND
VOUT SUB
CT
VDD
4
3
2
1
5
Marking
Lot. No


Similar Part No. - BD5330G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5330G ROHM-BD5330G Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD5330G ROHM-BD5330G Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5330G-2C ROHM-BD5330G-2C Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5330G-2CTR ROHM-BD5330G-2CTR Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5330G-TR ROHM-BD5330G-TR Datasheet
400Kb / 16P
   Delay time controlled by extemal capacitor
More results

Similar Description - BD5330G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com