Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL032P0XNHI010 Datasheet(PDF) 3 Page - SPANSION

Part # S25FL032P0XNHI010
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P0XNHI010 Datasheet(HTML) 3 Page - SPANSION

  S25FL032P0XNHI010 Datasheet HTML 1Page - SPANSION S25FL032P0XNHI010 Datasheet HTML 2Page - SPANSION S25FL032P0XNHI010 Datasheet HTML 3Page - SPANSION S25FL032P0XNHI010 Datasheet HTML 4Page - SPANSION S25FL032P0XNHI010 Datasheet HTML 5Page - SPANSION S25FL032P0XNHI010 Datasheet HTML 6Page - SPANSION S25FL032P0XNHI010 Datasheet HTML 7Page - SPANSION S25FL032P0XNHI010 Datasheet HTML 8Page - SPANSION S25FL032P0XNHI010 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
Publication Number S25FL032P_00
Revision 09
Issue Date January 29, 2013
Distinctive Characteristics
Architectural Advantages
 Single power supply operation
– Full voltage range: 2.7 to 3.6V read and write operations
 Memory architecture
– Uniform 64 KB sectors
– Top or bottom parameter block (Two 64-KB sectors (top or
bottom) broken down into sixteen 4-KB sub-sectors each)
– 256-byte page size
– Backward compatible with the S25FL032A device
 Program
– Page Program (up to 256 bytes) in 1.5 ms (typical)
– Program operations are on a page by page basis
– Accelerated programming mode via 9V W#/ACC pin
– Quad Page Programming
 Erase
– Bulk erase function
– Sector erase (SE) command (D8h) for 64 KB sectors
– Sub-sector erase (P4E) command (20h) for 4 KB sectors
– Sub-sector erase (P8E) command (40h) for 8 KB sectors
 Cycling endurance
– 100,000 cycles per sector typical
 Data retention
– 20 years typical
 Device ID
– JEDEC standard two-byte electronic signature
– RES command one-byte electronic signature for backward
compatibility
 One time programmable (OTP) area for permanent, secure
identification; can be programmed and locked at the factory
or by the customer
 CFI (Common Flash Interface) compliant: allows host system
to identify and accommodate multiple flash devices
 Process technology
– Manufactured on 0.09 µm MirrorBit
® process technology
 Package option
– Industry Standard Pinouts
– 8-pin SO package (208 mils)
– 16-pin SO package (300 mils)
– 8-contact USON package (5 x 6 mm)
– 8-contact WSON package (6 x 8 mm)
– 24-ball BGA 6 x 8 mm package, 5 x 5 pin configuration
– 24-ball BGA 6 x 8 mm package, 6 x 4 pin configuration
Performance Characteristics
 Speed
– Normal READ (Serial): 40 MHz clock rate
– FAST_READ (Serial): 104 MHz clock rate (maximum)
– DUAL I/O FAST_READ: 80 MHz clock rate or
20 MB/s effective data rate
– QUAD I/O FAST_READ: 80 MHz clock rate or
40 MB/s effective data rate
 Power saving standby mode
– Standby Mode 80 µA (typical)
– Deep Power-Down Mode 3 µA (typical)
Memory Protection Features
 Memory protection
– W#/ACC pin works in conjunction with Status Register Bits to
protect specified memory areas
– Status Register Block Protection bits (BP2, BP1, BP0) in status
S25FL032P
32-Mbit CMOS 3.0 Volt Flash Memory
with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Data Sheet


Similar Part No. - S25FL032P0XNHI010

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results

Similar Description - S25FL032P0XNHI010

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com