Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4106BRUZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4106BRUZ-R7
Description  PLL Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106BRUZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADF4106BRUZ-R7 Datasheet HTML 1Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 2Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 3Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 4Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 5Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 6Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 7Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 8Page - Analog Devices ADF4106BRUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADF4106
Rev. E | Page 3 of 24
SPECIFICATIONS
AVDD = DVDD = 3 V ± 10%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = CPGND = 0 V, RSET = 5.1 kΩ, dBm referred to 50 Ω, TA = TMAX to TMIN,
unless otherwise noted.
Table 1.
Parameter
B Version1
B Chips2 (typ)
Unit
Test Conditions/Comments
RF CHARACTERISTICS
See Figure 18 for input circuit
RF Input Frequency (RFIN)
0.5/6.0
0.5/6.0
GHz min/max
For lower frequencies, ensure
slew rate (SR) > 320 V/μs
RF Input Sensitivity
–10/0
–10/0
dBm min/max
Maximum Allowable Prescaler
Output Frequency3
300
300
MHz max
P = 8
325
325
MHz max
P = 16
REFIN CHARACTERISTICS
REFIN Input Frequency
20/300
20/300
MHz min/max
For f < 20 MHz, ensure SR > 50 V/μs
REFIN Input Sensitivity4
0.8/VDD
0.8/VDD
V p-p min/max
Biased at AVDD/2 (see Note 55)
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
μA max
PHASE DETECTOR
Phase Detector Frequency6
104
104
MHz max
ABP = 0, 0 (2.9 ns antibacklash pulse width)
CHARGE PUMP
Programmable, see Table 9
ICP Sink/Source
High Value
5
5
mA typ
With RSET = 5.1 kΩ
Low Value
625
625
μA typ
Absolute Accuracy
2.5
2.5
% typ
With RSET = 5.1 kΩ
RSET Range
3.0/11
3.0/11
kΩ typ
See Table 9
ICP Three-State Leakage
2
2
nA max
1 nA typical; TA = 25°C
Sink and Source Current Matching
2
2
% typ
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. VCP
1.5
1.5
% typ
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VIH, Input High Voltage
1.4
1.4
V min
VIL, Input Low Voltage
0.6
0.6
V max
IINH, IINL, Input Current
±1
±1
μA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
1.4
V min
Open-drain output chosen, 1 kΩ pull-up
resistor to 1.8 V
VOH, Output High Voltage
VDD − 0.4
VDD − 0.4
V min
CMOS output chosen
IOH
100
100
μA max
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500 μA
POWER SUPPLIES
AVDD
2.7/3.3
2.7/3.3
V min/V max
DVDD
AVDD
AVDD
VP
AVDD/5.5
AVDD/5.5
V min/V max
AVDD ≤ VP ≤ 5.5V
IDD7 (AIDD + DIDD)
11
9.0
mA max
9.0 mA typ
IDD8 (AIDD + DIDD)
11.5
9.5
mA max
9.5 mA typ
IDD9 (AIDD + DIDD)
13
10.5
mA max
10.5 mA typ
IP
0.4
0.4
mA max
TA = 25°C
Power-Down Mode10
(AIDD + DIDD)
10
10
μA typ


Similar Part No. - ADF4106BRUZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4106BRUZ-R7 AD-ADF4106BRUZ-R7 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4106BRUZ-R7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com