Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG441BRZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADG441BRZ-REEL
Description  LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG441BRZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADG441BRZ-REEL Datasheet HTML 1Page - Analog Devices ADG441BRZ-REEL Datasheet HTML 2Page - Analog Devices ADG441BRZ-REEL Datasheet HTML 3Page - Analog Devices ADG441BRZ-REEL Datasheet HTML 4Page - Analog Devices ADG441BRZ-REEL Datasheet HTML 5Page - Analog Devices ADG441BRZ-REEL Datasheet HTML 6Page - Analog Devices ADG441BRZ-REEL Datasheet HTML 7Page - Analog Devices ADG441BRZ-REEL Datasheet HTML 8Page - Analog Devices ADG441BRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG441/ADG442/ADG444
Rev. A | Page 4 of 16
SINGLE SUPPLY1
VDD = +12 V ± 10%, VSS = 0 V, VL = +5 V ± 10% (ADG444), GND = 0 V, unless otherwise noted.
Table 2.
B Version
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
RON
70
Ω typ
VD = +3 V, +8 V, IS = −5 mA
110
130
Ω max
VDD = 10.8 V
∆RON
4
Ω typ
3 V ≤ VD ≤ 8 V
9
Ω max
RON Match
1
Ω typ
VD = +6 V, IS = −5 mA
3
Ω max
LEAKAGE CURRENT
VDD = 13.2 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VD = 12.2 V/1 V, VS = 1 V/12.2 V
±0.5
±3
nA max
See Figure 15
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VD = 12.2 V/1 V, VS = 1 V/12.2 V
±0.5
±3
nA max
See Figure 15
Channel ON Leakage ID, IS (ON)
±0.08
nA typ
VS = VD = 12.2 V/1 V
±0.5
±3
nA max
Figure 16
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
±0.00001
µA typ
VIN = VINL or VINH
±0.5
µA max
DYNAMIC CHARACTERISTICS2
tON
105
ns typ
RL = 1 kΩ, CL = 35 pF
150
220
ns max
VS = 8 V; Figure 17
tOFF
40
ns typ
RL = 1 kΩ, CL = 35 pF
60
100
ns max
VS = 8 V; Figure 17
tOPEN
50
ns typ
RL = 1 kΩ, CL = 35 pF
Charge Injection
2
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF
6
pC max
VDD = 12 V, VSS = 0 V; see Figure 18
OFF Isolation
60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 19
Channel-to-Channel Crosstalk
100
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 20
CS (OFF)
7
pF typ
f = 1 MHz
CD (OFF)
10
pF typ
f = 1 MHz
CD, CS (ON)
16
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
Digital Inputs = 0 V or 5 V
ADG441/ADG442
80
µA max
ADG444
0.001
µA typ
1
2.5
µA max
IL (ADG444 Only)
0.001
µA typ
VL = 5.5 V
1
2.5
µA max
1 Temperature range is: B Version: −40°C to +85°C.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG441BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG441BRZ AD-ADG441BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
More results

Similar Description - ADG441BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG441 AD-ADG441 Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG221 AD-ADG221 Datasheet
230Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com