Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1427W Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1427W
Description  Handle Material - CR Steel, Finish - Bright Crome Plated
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1427W Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1427W Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TYPICAL HANDLE ASSEMBLY
2 Screws - Panhead 8-32 x 1/2"
2 Internal Tooth Lockwashers
**note handle sold singly
1427W
Handle Material - CR Steel
Finish - Bright Crome Plated
Hardware
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
E
E
F
F
1427W
152.40
[6.000]
n6.35
[0.250]
158.75
[6.250]
38.10
[1.500]
8-32 UNC - 2B
x 14.27 [0.500]


Similar Part No. - 1427W

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1427WBB HAMMOND-1427WBB Datasheet
108Kb / 1P
   2 Screws - Countersink M4 x 10, 2 Washers
1427WBC HAMMOND-1427WBC Datasheet
108Kb / 1P
   2 Screws - Countersink M4 x 10, 2 Washers
1427WGC HAMMOND-1427WGC Datasheet
108Kb / 1P
   2 Screws - Countersink M4 x 10, 2 Washers
More results

Similar Description - 1427W

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1427B HAMMOND-1427B Datasheet
96Kb / 1P
   HANDLE MATERIAL-CR STEEL, FINISH-BRIGHT CROME PLATED
1427G HAMMOND-1427G Datasheet
85Kb / 1P
   Handle Material - CR Steel, Finish - Bright Crome Plated
1427T HAMMOND-1427T Datasheet
84Kb / 1P
   Handle Material - CR Steel, Finish - Bright Crome Plated
1427L HAMMOND-1427L Datasheet
88Kb / 1P
   Handle Material - CR Steel, Finish - Bright Chrome Plated
1427E HAMMOND-1427E Datasheet
90Kb / 1P
   Handle Material - CR Steel, Finish - Bright Chrome Plated
DNFK2AC120 HAMMOND-DNFK2AC120 Datasheet
633Kb / 1P
   Guard Material/Finish - Crome Plated Steel
DNFK1AC120 HAMMOND-DNFK1AC120 Datasheet
492Kb / 1P
   Guard Material/Finish - Crome Plated Steel
logo
Mechatronics, Inc.
MT1U-3-LPH99L MECHATRONICS-MT1U-3-LPH99L Datasheet
374Kb / 1P
   Cold rolled steel tray with black finish
MT1U-3-LPH99 MECHATRONICS-MT1U-3-LPH99 Datasheet
374Kb / 1P
   Cold rolled steel tray with black finish
logo
PANDUIT CORP.
GBO239KB PANDUIT-GBO239KB Datasheet
45Kb / 1P
   NICKEL PLATED STEEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com