Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG819BRT Datasheet(PDF) 7 Page - Analog Devices

Part # ADG819BRT
Description  0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG819BRT Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG819BRT Datasheet HTML 3Page - Analog Devices ADG819BRT Datasheet HTML 4Page - Analog Devices ADG819BRT Datasheet HTML 5Page - Analog Devices ADG819BRT Datasheet HTML 6Page - Analog Devices ADG819BRT Datasheet HTML 7Page - Analog Devices ADG819BRT Datasheet HTML 8Page - Analog Devices ADG819BRT Datasheet HTML 9Page - Analog Devices ADG819BRT Datasheet HTML 10Page - Analog Devices ADG819BRT Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG819/ADG820
250
1
200
0
150
TA = 25°C
VDD = 5V
VDD = 3V
0.2
10
1
30
VDD = 3V, 5V
TA = 25°C
–1
100
50
0
–50
–2
–3
–4
–100
–5
–150
–200
–6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VS – V
FREQUENCY – MHz
TPC 7. Charge Injection vs. Source Voltage
TPC 10. ON Response vs. Frequency
0
1.8
VDD = 5V, 3V
TA = 25°C
TA = 25°C
RISING
FALLING
–10
–20
1.6
1.4
1.2
1.0
0.8
0.6
0.4
–30
–40
–50
–60
–70
–80
0.2
–90
0
0.1
1
2
0
1
2
3
4
5
6
FREQUENCY – MHz
VDD – V
TPC 8. OFF Isolation vs. Frequency
TPC 11. Logic Threshold vs. Supply Voltage
0.1
1
2
FREQUENCY – MHz
TPC 9. Crosstalk vs. Frequency
0
–20
–50
–70
–80
–90
–10
–30
–40
–60
REV. 0
–7–


Similar Part No. - ADG819BRT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819BRT AD-ADG819BRT Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819BRT-500RL7 AD-ADG819BRT-500RL7 Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG819BRT-REEL7 AD-ADG819BRT-REEL7 Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG819BRTZ-500RL7 AD-ADG819BRTZ-500RL7 Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG819BRTZ-REEL AD-ADG819BRTZ-REEL Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
More results

Similar Description - ADG819BRT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com