Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1427WBB Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1427WBB
Description  2 Screws - Countersink M4 x 10, 2 Washers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1427WBB Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1427WBB Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EXPLODED HANDLE ASSEMBLY
SIDE VIEW
BOTTOM VIEW
Part #
1427W BC
1427W BB
1427W GC
Hardware
1427WBC,BB,GC
Black
Plastic End Post
Grey
Aluminum Bar Handle
Clear
Clear
Black
Black
2 Screws - Countersink M4 x 10
2 W ashers
**note handle sold singly
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
E
E
F
F
1427WBC,BB,GC
31.41
[1.237]
41.66
[1.640]
135.26
[5.325]
171.63
[6.757]
13.97
[0.550]
18.19
[0.716]
13.00
[0.512]
152.40
[6.000]
9.00
[0.354]
M4x0.7 - 6H


Similar Part No. - 1427WBB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1427W HAMMOND-1427W Datasheet
84Kb / 1P
   Handle Material - CR Steel, Finish - Bright Crome Plated
More results

Similar Description - 1427WBB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1427SBC HAMMOND-1427SBC Datasheet
108Kb / 1P
   2 Screws - Countersink M4 x 10, 2 Washers
1427GBC HAMMOND-1427GBC Datasheet
108Kb / 1P
   2 Screws - Countersink M4 X 10, 2 Washers
logo
List of Unclassifed Man...
70011 ETC2-70011 Datasheet
146Kb / 1P
   M3.5 x 12 taptite screws (Screws accept POZDRIV No. 2 screwdriver)
logo
Schneider Electric
LJB210 SCHNEIDER-LJB210 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N12 - 10 ft lg
LDB210 SCHNEIDER-LDB210 Datasheet
63Kb / 2P
   WIREWAY 2 x 2 - N1 Paint - 10 ft lg
logo
Vishay Siliconix
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 05-Oct-09
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 08-Oct-08
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 04-Dec-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com