Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG442BRZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG442BRZ1
Description  LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG442BRZ1 Datasheet(HTML) 5 Page - Analog Devices

  ADG442BRZ1 Datasheet HTML 1Page - Analog Devices ADG442BRZ1 Datasheet HTML 2Page - Analog Devices ADG442BRZ1 Datasheet HTML 3Page - Analog Devices ADG442BRZ1 Datasheet HTML 4Page - Analog Devices ADG442BRZ1 Datasheet HTML 5Page - Analog Devices ADG442BRZ1 Datasheet HTML 6Page - Analog Devices ADG442BRZ1 Datasheet HTML 7Page - Analog Devices ADG442BRZ1 Datasheet HTML 8Page - Analog Devices ADG442BRZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG441/ADG442/ADG444
Rev. A | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted.
Table 3.
Parameter
Rating
VDD to VSS
44 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
VL to GND
−0.3 V to VDD + 0.3 V
Analog, Digital Inputs
VSS − 2 V to VDD + 2 V or 30 mA, Whichever Occurs First
Continuous Current, S or D
30 mA
Peak Current, S or D (Pulsed at 1 ms, 10% Duty Cycle Max)
100 mA
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Lead Temperature, Soldering (10 sec)
300°C
Plastic Package, Power Dissipation
470 mW
θJA, Thermal Impedance
177°C/W
Lead Temperature, Soldering (10 sec)
260°C
SOIC Package, Power Dissipation
600 mW
θJA, Thermal Impedance
77°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum
rating may be applied at any one time.
Table 4. Truth Table
ADG441/ADG444 IN
ADG442 IN
Switch Condition
0
1
ON
1
0
OFF
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADG442BRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
More results

Similar Description - ADG442BRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG441 AD-ADG441 Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG221 AD-ADG221 Datasheet
230Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com