Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG801BRTZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG801BRTZ-REEL7
Description  <0.4CMOS 1.8 V to 5.5 V SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG801BRTZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG801BRTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG801BRTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG801BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG801BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG801BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG801BRTZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG801BRTZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG801BRTZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG801BRTZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADG801/ADG802
Rev. B | Page 9 of 16
TERMINOLOGY
VDD
The most positive power supply potential.
IDD
Positive supply current.
GND
Ground (0 V) reference.
S
The source terminal can be an input or an output.
D
The drain terminal can be an input or an output.
IN
Logic control input.
VD (VS)
Analog voltage on Terminal D and Terminal S.
RON
Ohmic resistance between Terminal D and Terminal S.
RFLAT(ON)
The difference between the maximum and minimum value of
on resistance as measured over the specified analog signal range.
IS (Off)
Source leakage current with the switch off.
ID (Off)
Drain leakage current with the switch off.
ID, IS (On)
Channel leakage current with the switch on.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CS (Off)
The off switch source capacitance is measured with reference
to ground.
CD (Off)
The off switch drain capacitance is measured with reference
to ground.
CD, CS (On)
The on switch capacitance is measured with reference
to ground.
CIN
Digital input capacitance.
tON
The delay between applying the digital control input and when
the output switches on. See Figure 16.
tOFF
The delay between applying the digital control input and when
the output switches off.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Bandwidth
The frequency at which the output is attenuated by 3 dB.
On Response
The frequency response of the on switch.
Insertion Loss
The loss due to the on resistance of the switch.


Similar Part No. - ADG801BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG801BRT AD-ADG801BRT Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
More results

Similar Description - ADG801BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
   1.8 V to 5.5 V, 4ohm Dual SPST Switches
Rev. E, 01-Aug-11
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com