Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP122AUJZ-1.8-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP122AUJZ-1.8-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122AUJZ-1.8-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP122AUJZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADP122/ADP123
Rev. E | Page 9 of 24
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 100µA
VIN = VOUT + 0.5V
VRIPPLE = 50mV
CIN = COUT 1µF
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 200mA
IOUT = 300mA
Figure 21. Power Supply Rejection Ratio vs. Frequency, VOUT= 4.2 V, VIN = 4.7 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VOUT = 2.8V, IOUT = 1mA
VIN = VOUT + 0.5V
VRIPPLE = 50mV
CIN = COUT 1µF
VOUT = 3.3V, IOUT = 1mA
VOUT = 4.2V, IOUT = 1mA
VOUT = 2.8V, IOUT = 300mA
VOUT = 3.3V, IOUT = 300mA
VOUT = 4.2V, IOUT = 300mA
Figure 22. Power Supply Rejection Ratio vs. Frequency, Various Output
Voltages and Load Currents
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN = 3.1V, IOUT = 1mA
VRIPPLE = 50mV
CIN = COUT 1µF
VIN = 3.3V, IOUT = 1mA
VIN = 3.8V, IOUT = 1mA
VIN = 4.8V, IOUT = 1mA
VIN = 3.1V, IOUT = 300mA
VIN = 3.3V, IOUT = 300mA
VIN = 3.8V, IOUT = 300mA
VIN = 4.8V, IOUT = 300mA
Figure 23. Power Supply Rejection Ratio vs. Headroom Voltage (VIN − VOUT),
VOUT = 2.8 V
0
1
2
3
4
5
10
100
1k
10k
100k
FREQUENCY (Hz)
VOUT = 2.8V
VOUT = 3.3V
VOUT = 4.2V
Figure 24. Output Noise Spectrum
30
35
40
45
50
55
60
65
70
0.001
0.01
0.1
1
10
100
1000
IOUT (mA)
VOUT = 4.2V
VOUT = 3.3V
VOUT = 2.8V
Figure 25. Output Noise vs. Load Current and Output Voltage
CH1
200mA Ω B
W CH2 50.0mV
B
W M 40.0µs
A CH1
196mA
1
2
T
10.20%
VOUT
VIN = 3.7V
VOUT = 3.3V
1mA TO 300mA LOAD STEP
IOUT
Figure 26. Load Transient Response, COUT = 1 μF


Similar Part No. - ADP122AUJZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP122AUJZ-1.8-R7 AD-ADP122AUJZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
More results

Similar Description - ADP122AUJZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP124ACPZ-1.8-R7 AD-ADP124ACPZ-1.8-R7 Datasheet
632Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP124 AD-ADP124 Datasheet
676Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. 0
ADP125ACPZ-R7 AD-ADP125ACPZ-R7 Datasheet
632Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP170 AD-ADP170 Datasheet
538Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com