Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-SDP-CB1Z Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-SDP-CB1Z
Description  1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-SDP-CB1Z Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-SDP-CB1Z Datasheet HTML 4Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 5Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 6Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 7Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 8Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 9Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 10Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 11Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7091
Data Sheet
Rev. A | Page 8 of 20
50
55
60
65
70
75
1
10
100
INPUT FREQUENCY (kHz)
VDD = 2.7V
TA = 25°C
fSAMPLE = 1MSPS
VDD = 3V
VDD = 5V
Figure 10. SINAD vs. Analog Input Frequency for Various Supply Voltages
60
50
40
30
20
10
0
CODE
2047
2048
2049
2050
2051
8108
5992
51,436
VDD = 3.3V
TA = 25°C
65,536 SAMPLES
0
0
Figure 11. Histogram of Codes at Code Center (VDD/2)
7
6
5
4
3
2
1
0
10
20
30
40
50
SDO CAPACITANCE LOAD (pF)
–40°C
+25°C
+125°C
VDD = 3V
Figure 12. t2 Delay vs. SDO Capacitance Load, VDD = 3 V
250
300
350
400
450
500
550
2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00
4.50
4.25
4.75 5.00
SUPPLY VOLTAGE (V)
–40°C
fSAMPLE = 1MSPS
+125°C
+25°C
+85°C
Figure 13. Operational Supply Current vs. Supply Voltage
for Various Temperatures
0
1000
2000
3000
4000
5000
6000
TEMPERATURE (°C)
VDD = 2.09V
VDD = 3V
VDD = 3.6V
VDD = 5.25V
–40
25
85
125
Figure 14. Power-Down Supply Current vs. Temperature
for Various Supply Voltages


Similar Part No. - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
885Kb / 41P
   3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
More results

Similar Description - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
logo
Texas Instruments
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com