Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC814ARU Datasheet(PDF) 5 Page - Analog Devices

Part # ADUC814ARU
Description  MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC814ARU Datasheet(HTML) 5 Page - Analog Devices

  ADUC814ARU Datasheet HTML 1Page - Analog Devices ADUC814ARU Datasheet HTML 2Page - Analog Devices ADUC814ARU Datasheet HTML 3Page - Analog Devices ADUC814ARU Datasheet HTML 4Page - Analog Devices ADUC814ARU Datasheet HTML 5Page - Analog Devices ADUC814ARU Datasheet HTML 6Page - Analog Devices ADUC814ARU Datasheet HTML 7Page - Analog Devices ADUC814ARU Datasheet HTML 8Page - Analog Devices ADUC814ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
ADuC814
Rev. A | Page 5 of 72
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions
TEMPERATURE MONITOR9
Voltage Output at 25ºC
650
650
mV typ
Voltage TC
–2
–2
mV/ºC typ
Accuracy
3
3
ºC typ
2.5 V internal reference
Accuracy
1.5
1.5
ºC typ
2.5 V external reference
DAC CHANNEL SPECIFICATIONS
DAC Load to AGND RL = 10 kΩ, CL = 100 pF
DC ACCURACY10
Resolution
12
12
Bits
Relative Accuracy
+3
+3
LSB typ
Differential Nonlinearity11
–1
–1
LSB max
Guaranteed montonic
1/2
1/2
LSB typ
Offset Error
50
50
mV max
VREF range
Gain Error
1
1
% max
VREF range
1
1
% typ
AVDD range
Gain Error Mismatch
0.5
0.5
% typ
Of full scale on DAC1
ANALOG OUTPUTS
Voltage Range_0
0 to VREF
Volts
DAC VREF = 2.5 V
Voltage Range_1
0 to VDD
Volts
DAC VREF = VDD
Output Impedance
0.5
0.5
Ω typ
ISINK
50
50
µA typ
DAC AC Specifications
Voltage Output Settling Time
15
15
µs typ
Full-scale settling time to within ½ LSB of final
value
Digital-to-Analog Glitch Energy
10
10
nVs typ
1 LSB change at major carry
REFERENCE INPUT/OUTPUT
REFERENCE OUTPUT
Output Voltage (VREF)
2.5
2.5
V
Accuracy
2.5
2.5
% max
Of VREF measured at the CREF pin
Power Supply Rejection
47
57
dB typ
Reference Tempco
100
100
ppm/ºC typ
Internal VREF Power-On Time12
80
80
ms typ
EXTERNAL REFERENCE INPUT13
Internal band gap reference deselected via
ADCCON2.6
Voltage Range (VREF)14
1.0
1.0
V min
VDD
VDD
V max
Input Impedance
20
20
kΩ typ
Input Leakage
10
10
µA max
POWER SUPPLY MONITOR (PSM)
VDD Trip Point Selection Range
2.63
2.63
V
2.93
2.93
V
Four trip points selectable in this range
3.08
3.08
V
programmed via TP1–0 in PSMCON
4.63
V
VDD Power Supply Trip Point Accuracy
3.5
3.5
% max
WATCH DOG TIMER (WDT)14
Timeout Period
0
0
ms min
Nine time-out periods selectable in this range
2000
2000
ms max
programmed via PRE3–0 in WDCON
LOGIC INPUTS
INPUT VOLTAGES14
All Inputs except SCLOCK, RESET, and
XTAL1
VINL, Input Low Voltage
0.8
0.4
V max
VINH, Input High Voltage
2.0
2.0
V min


Similar Part No. - ADUC814ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814ARU AD-ADUC814ARU Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARU AD-ADUC814ARU Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814ARU-REEL AD-ADUC814ARU-REEL Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARU-REEL7 AD-ADUC814ARU-REEL7 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results

Similar Description - ADUC814ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
   MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC843BSZ62-5 AD-ADUC843BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com