Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9106BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9106BCPZ
Description  Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9106BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9106BCPZ Datasheet HTML 2Page - Analog Devices AD9106BCPZ Datasheet HTML 3Page - Analog Devices AD9106BCPZ Datasheet HTML 4Page - Analog Devices AD9106BCPZ Datasheet HTML 5Page - Analog Devices AD9106BCPZ Datasheet HTML 6Page - Analog Devices AD9106BCPZ Datasheet HTML 7Page - Analog Devices AD9106BCPZ Datasheet HTML 8Page - Analog Devices AD9106BCPZ Datasheet HTML 9Page - Analog Devices AD9106BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9106
Data Sheet
Rev. A | Page 6 of 48
DIGITAL TIMING SPECIFICATIONS (3.3 V)
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V; internal CLDO, DLDO1, and DLDO2; IOUTFS = 4 mA, maximum sample rate,
unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
DAC CLOCK INPUT (CLKIN)
Maximum Clock Rate
180
MSPS
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (SCLK)
80
MHz
Minimum Pulse Width High
6.25
ns
Minimum Pulse Width Low
6.25
ns
Setup Time SDIO to SCLK
4.0
ns
Hold Time SDIO to SCLK
5.0
ns
Output Data Valid SCLK to SDO or SDIO
6.2
ns
Setup Time
EE
AA
to SCLK
CS
4.0
ns
DIGITAL TIMING SPECIFICATIONS (1.8 V)
TMIN to TMAX, AVDD = 1.8 V, DVDD = DLDO1 = DLDO2 = 1.8 V, CLKVDD = CLDO = 1.8 V, IOUTFS = 4 mA, maximum sample rate, unless
otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
DAC CLOCK INPUT (CLKIN)
Maximum Clock Rate
180
MSPS
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (SCLK)
80
MHz
Minimum Pulse Width High
6.25
ns
Minimum Pulse Width Low
6.25
ns
Setup Time SDIO to SCLK
4.0
ns
Hold Time SDIO to SCLK
5.0
ns
Output Data Valid SCLK to SDO or SDIO
8.8
ns
Setup Time
AA
CSEE
AA
to SCLK
4.0
ns


Similar Part No. - AD9106BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9106BCPZ AD-AD9106BCPZ Datasheet
1Mb / 58P
   Digital-to- Analog Converter and Waveform Generator
AD9106BCPZRL7 AD-AD9106BCPZRL7 Datasheet
1Mb / 58P
   Digital-to- Analog Converter and Waveform Generator
More results

Similar Description - AD9106BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9102 AD-AD9102 Datasheet
695Kb / 36P
   Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
REV. 0
AD9106 AD-AD9106_17 Datasheet
1Mb / 58P
   Digital-to- Analog Converter and Waveform Generator
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com