Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3311EARUZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3311EARUZ
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3311EARUZ Datasheet HTML 4Page - Analog Devices ADM3311EARUZ Datasheet HTML 5Page - Analog Devices ADM3311EARUZ Datasheet HTML 6Page - Analog Devices ADM3311EARUZ Datasheet HTML 7Page - Analog Devices ADM3311EARUZ Datasheet HTML 8Page - Analog Devices ADM3311EARUZ Datasheet HTML 9Page - Analog Devices ADM3311EARUZ Datasheet HTML 10Page - Analog Devices ADM3311EARUZ Datasheet HTML 11Page - Analog Devices ADM3311EARUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Data Sheet
Rev. I | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
V–
GND
GND
T1OUT
T2OUT
T3OUT
T4OUT
T5OUT
EN
SD
NC
T1IN
T2IN
T3IN
T4IN
T5IN
NOTES
1. THE EXPOSED PAD IS CONNECTED TO GROUND.
2. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
1
2
3
19
17
4
5
6
7
20
21
18
22
23
24
8
ADM3307E
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
C2–
C1–
T1IN
SD
EN
V+
C3+
C1+
C3–
T1OUT
GND
V–
T2IN
T3IN
T4IN
R3OUT
R1OUT
T5IN
T2OUT
T3OUT
T4OUT
R3IN
R2OUT
R2IN
R1IN
T5OUT
C2+
ADM3307E
TOP VIEW
(Not to Scale)
Figure 4. ADM3307E LFCSP_WQ Pin Configuration
Figure 5. SSOP/TSSOP Pin Configuration
C1–
SD
NC
T1OUT
T2OUT
T3OUT
R1IN
R2IN
EN
C1+
NC
T1IN
T2IN
T3IN
R1OUT
R2OUT
NOTES
1. THE EXPOSED PAD IS CONNECTED TO GROUND.
2. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
1
2
3
19
17
4
5
6
7
20
21
18
22
23
24
8
ADM3310E/
ADM3311E
TOP VIEW
(Not to Scale)
V+
1
C2+
2
VCC 3
C2–
4
C3+
28
GND
27
C3–
26
V–
25
EN
5
C1+
6
T1IN 7
C1–
24
SD
23
T1OUT
22
T2IN 8
T2OUT
21
T3IN 9
T3OUT
20
R1OUT 10
R1IN
19
R2OUT 11
R2IN
18
R3OUT 12
R3IN
17
R4OUT 13
R4IN
16
R5OUT 14
R5IN
15
ADM3310E/
ADM3311E
TOP VIEW
(Not to Scale)
Figure 6. LFCSP_WQ Pin Configuration
Figure 7. SSOP/TSSOP Pin Configuration
C1–
SD
NC
T1OUT
T2OUT
T3OUT
NC
NC
EN
C1+
NC
T1IN
T2IN
T3IN
NC
NC
NOTES
1. THE EXPOSED PAD IS CONNECTED TO GROUND.
2. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
1
2
3
19
17
4
5
6
7
20
21
18
22
23
24
8
ADM3312E/
ADM3315E
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
19
18
17
16
15
14
13
12
11
C2+
VCC
C2
T1IN
C1+
EN
V+
GND
C3–
V–
T1OUT
SD
C1–
T2IN
T3IN
R3OUT
R2OUT
R1OUT
T2OUT
T3OUT
R3IN
R2IN
R1IN
C3+
ADM3312E/
ADM3315E
TOP VIEW
(Not to Scale)
Figure 8. LFCSP_WQ Pin Configuration
Figure 9. SSOP/TSSOP Pin Configuration


Similar Part No. - ADM3311EARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3311EARUZ AD-ADM3311EARUZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311EARUZ-REEL AD-ADM3311EARUZ-REEL Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311EARUZ-REEL7 AD-ADM3311EARUZ-REEL7 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
More results

Similar Description - ADM3311EARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3307E AD-ADM3307E Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com