Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT1G86GW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT1G86GW
Description  2-input EXCLUSIVE-OR gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G86GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT1G86GW Datasheet HTML 2Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 3Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 4Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 5Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 6Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 7Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 8Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 9Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74HC_HCT1G86_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 20 July 2007
6 of 11
NXP Semiconductors
74HC1G86; 74HCT1G86
2-input EXCLUSIVE-OR gate
12. Waveforms
For 74HC1G86: VM = 0.5 × VCC; VI = GND to VCC.
For 74HCT1G86: VM = 1.3 V; VI = GND to 3.0 V.
Fig 5.
The input (A and B) to output (Y) propagation delays
mna041
tPHL
tPLH
VM
VM
A, B input
Y output
Test data is given in Table 8. Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 6.
Load circuitry for switching times
VCC
VI
VO
mna034
DUT
CL
50 pF
RT
PULSE
GENERATOR


Similar Part No. - 74HCT1G86GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G86GW PHILIPS-74HCT1G86GW Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74HCT1G86GW NXP-74HCT1G86GW Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74HCT1G86GW NEXPERIA-74HCT1G86GW Datasheet
208Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 5 - 27 January 2022
74HCT1G86GW-Q100 NEXPERIA-74HCT1G86GW-Q100 Datasheet
684Kb / 12P
   2-input EXCLUSIVE-OR gate
More results

Similar Description - 74HCT1G86GW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com