Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5700 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5700
Description  Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700 Datasheet(HTML) 6 Page - Analog Devices

  AD5700 Datasheet HTML 1Page - Analog Devices AD5700 Datasheet HTML 2Page - Analog Devices AD5700 Datasheet HTML 3Page - Analog Devices AD5700 Datasheet HTML 4Page - Analog Devices AD5700 Datasheet HTML 5Page - Analog Devices AD5700 Datasheet HTML 6Page - Analog Devices AD5700 Datasheet HTML 7Page - Analog Devices AD5700 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CN-0267
Circuit Note
Rev. A | Page 6 of 8
The results are shown in Table 2 and were measured at the
following conditions:
REGOUT = 3.3 V
ADuCM360 M3 core clock = 2 MHz
Both ADCs converting at 50 samples per second
ADC0 has both buffers on and gain = 8
ADC1 has both buffers on and gain = 16
RTD excitation current = 200 µA
SPI communicating to AD5421 with serial clock = 100 kHz
HART communicating
The circuit with all relevant analog and digital blocks, including
the input sensor, consumes power supply current within the
budget allowed at the minimum 4 mA loop current.
Table 2. Power Supply Current from AD5421, REGOUT = 3.3V
Input Sensor
Voltage T5 to T6
Maximum (mV)
Current REGOUT
Maximum (mA)
None
24.4
2.44
24PCDFA6D (5 kΩ,
0.66 mA at 3.3 V)
31.0
3.10
In the second method for assessing the circuit power consumption,
the circuit was verified to function as expected with the analog
output current set to the minimum of 4 mA while performing
HART communication. The result showed that the circuit
delivered the 4 mA current and showed no distortion of the
HART output signal.
Primary Sensor Input Performance
The ADuCM360 integrates most of the analog front-end on chip;
therefore, the performance of the analog input is primarily
determined by the specifications of the ADuCM360.
The level of noise is the main factor that can be influenced by
the interaction of the analog front-end with the rest of the
circuitry on the board. Thus, tests were carried out to focus on
the noise and related resolution performance of the system.
The demonstration was configured to transmit data from the
primary analog input, expressed as pressure in kPa, over the
HART communication. One hundred samples were captured,
and a basic data analysis to quantify the performance was
completed. Two of the tests involved the following:
The first test was performed with a standard pressure sensor
(Honeywell 24PCDFA6D) soldered directly on the board.
A second test was performed with the primary input signal
generated by a set of fixed and variable resistors, as shown
in Figure 7.
Figure 7. Primary Input Signal Generated by a Set of Resistors
ADuCM360
AIN0
1kΩ
27kΩ
10kΩ
18kΩ
1kΩ
0.1µF
0.01µF
0.01µF
AIN1
AVDD
VREF–
GND_SW
VREF+
ADC0


Similar Part No. - AD5700

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5700 AD-AD5700 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5700 AD-AD5700 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
AD5700 AD-AD5700 Datasheet
564Kb / 24P
   Low Power HART Modem
Rev. D
AD5700 AD-AD5700 Datasheet
336Kb / 8P
   Devices Connected
AD5700 AD-AD5700 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results

Similar Description - AD5700

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Endress+Hauser Group Se...
TI01043K EH-TI01043K Datasheet
961Kb / 16P
   Loop-powered 4 to 20 mA process indicator with optional HART® communication
2019-07-19
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
   Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
logo
Schneider Electric
876CR SCHNEIDER-876CR Datasheet
126Kb / 1P
   Loop-powered transmitter with 4-20 mA and HART digital outputs for contacting conductivity sensors
Apr 26, 2022
logo
Analog Devices
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com