Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR4301M Datasheet(PDF) 4 Page - International Rectifier

Part # IR4301M
Description  Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4301M Datasheet(HTML) 4 Page - International Rectifier

  IR4301M Datasheet HTML 1Page - International Rectifier IR4301M Datasheet HTML 2Page - International Rectifier IR4301M Datasheet HTML 3Page - International Rectifier IR4301M Datasheet HTML 4Page - International Rectifier IR4301M Datasheet HTML 5Page - International Rectifier IR4301M Datasheet HTML 6Page - International Rectifier IR4301M Datasheet HTML 7Page - International Rectifier IR4301M Datasheet HTML 8Page - International Rectifier IR4301M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IR43x1
4 www.irf.com
© 2013 International Rectifier
3. Single Power Supply
VB
VAA
VSS
IN+
IN-
COMP
CSD
COM
VN
VS
VP
VCC
CSH
GND
VCC
VIRTUAL
GND
+Vbus
Speaker
IN-
IN+
Qualification Information
Qualification Level
Industrial††
Comments: This family of ICs has passed JEDEC’s
Industrial qualification. IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
Moisture Sensitivity Level
MSL2
(per IPC/JEDEC J-STD-020C)
ESD
Machine Model
Class B
(per JEDEC standard EIA/JESD22-A115)
Human Body Model
Class 2
(per EIA/JEDEC standard JESD22-A114)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please contact
your International Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information.
April 22, 2013


Similar Part No. - IR4301M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
logo
International Rectifier
IR4301MTRPBF IRF-IR4301MTRPBF Datasheet
1Mb / 15P
   High peak music power output
More results

Similar Description - IR4301M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4301 IRF-IR4301 Datasheet
757Kb / 14P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4302M IRF-IR4302M_13 Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
logo
International Rectifier
IRS2052MTRPBF IRF-IRS2052MTRPBF Datasheet
435Kb / 23P
   2 channel integrated analog input Class D audio amplifier driver
logo
List of Unclassifed Man...
NJU8753 ETC1-NJU8753 Datasheet
104Kb / 7P
   Analog Signal Input Class D Amplifier
logo
STMicroelectronics
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
TDA7491LP13TR STMICROELECTRONICS-TDA7491LP13TR Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
logo
Texas Instruments
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Rohm
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com