Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-D105A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HLMP-D105A
Description  DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-D105A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HLMP-D105A Datasheet HTML 1Page - Fairchild Semiconductor HLMP-D105A Datasheet HTML 2Page - Fairchild Semiconductor HLMP-D105A Datasheet HTML 3Page - Fairchild Semiconductor HLMP-D105A Datasheet HTML 4Page - Fairchild Semiconductor HLMP-D105A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
RED
UNITS
Power Dissipation
87
mW
Peak Forward Current (f=1kHz, DF=10%)
300
mA
Continuous DC Forward Current
30
mA
Lead Soldering Time at 260
° C
5
sec
Operating Temperature
-20 to +100
°C
Storage Temperature
-55 to +100
°C
ABSOLUTE MAXIMUM RATING (TA =25°C)
DOUBLE HETEROJUNCTION AIGaAs
HIGH INTENSITY RED LED LAMPS
Parameter
HLMP-K101
HLMP-K105
HLMP-D101A
HLMP-D105A
Condition
Luminous Intensity (mcd)
IF = 20mA
Minimum
22
35
35
100
Typical
45
65
70
240
Forward Voltage (V)
IF = 20mA
Maximum
2.2
2.2
2.2
2.2
Typical
1.8
1.8
1.8
1.8
Peak Wavelength (nm)
660
660
660
660
IF = 20mA
Spectral Line Half Width
20
20
20
20
IF = 20mA
Reverse Voltage (V)
5
5
5
5
IR = 100µA
Viewing Angle (°)
60
45
65
24
IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
www.fairchildsemi.com
2 OF 5
2/27/01
DS300011


Similar Part No. - HLMP-D105A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-D105A QT-HLMP-D105A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
More results

Similar Description - HLMP-D105A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
HLMP-D150A QT-HLMP-D150A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D150A FAIRCHILD-HLMP-D150A Datasheet
274Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
logo
QT Optoelectronics
MAN32X0A QT-MAN32X0A Datasheet
405Kb / 5P
   DOUBLE HETEROJUNCTION AIGAAS RED SUNLIGHT VIEWABLE DISPLAYS
MAN30X0A QT-MAN30X0A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4100 HP-HLMP-4100 Datasheet
58Kb / 6P
   T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
Everlight Electronics C...
HLMPK155 EVERLIGHT-HLMPK155 Datasheet
673Kb / 5P
   DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com