Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR4322M Datasheet(PDF) 4 Page - International Rectifier

Part # IR4322M
Description  2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4322M Datasheet(HTML) 4 Page - International Rectifier

  IR4322M Datasheet HTML 1Page - International Rectifier IR4322M Datasheet HTML 2Page - International Rectifier IR4322M Datasheet HTML 3Page - International Rectifier IR4322M Datasheet HTML 4Page - International Rectifier IR4322M Datasheet HTML 5Page - International Rectifier IR4322M Datasheet HTML 6Page - International Rectifier IR4322M Datasheet HTML 7Page - International Rectifier IR4322M Datasheet HTML 8Page - International Rectifier IR4322M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IR43x2
4
www.irf.com
© 2013 International Rectifier
Apr 3, 2013
3. Single Power Supply (Inverting Amplifier)
Qualification Information
Industrial
††
Qualification Level
Comments: This family of ICs has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is granted by
extension of the higher Industrial level.
Moisture Sensitivity Level
MSL2
(per IPC/JEDEC J-STD-020C)
Machine Model
Class A
(per JEDEC standard EIA/JESD22-A115)
IR4302M
IR4322M
Class 1B
(per EIA/JEDEC standard JESD22-A114)
ESD
Human Body Model
IR4312M
Class 1A
(per EIA/JEDEC standard JESD22-A114)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please contact your
International Rectifier sales representative for further information.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact your International
Rectifier sales representative for further information.


Similar Part No. - IR4322M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4322M IRF-IR4322M Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Infineon Technologies A...
IR4322M INFINEON-IR4322M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
More results

Similar Description - IR4322M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4301 IRF-IR4301 Datasheet
757Kb / 14P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IR4301M IRF-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IRS2052MTRPBF IRF-IRS2052MTRPBF Datasheet
435Kb / 23P
   2 channel integrated analog input Class D audio amplifier driver
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
IR4302M INFINEON-IR4302M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
logo
Texas Instruments
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com