Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL032P0XMHI013 Datasheet(PDF) 11 Page - SPANSION

Part # S25FL032P0XMHI013
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P0XMHI013 Datasheet(HTML) 11 Page - SPANSION

Back Button S25FL032P0XMHI013 Datasheet HTML 7Page - SPANSION S25FL032P0XMHI013 Datasheet HTML 8Page - SPANSION S25FL032P0XMHI013 Datasheet HTML 9Page - SPANSION S25FL032P0XMHI013 Datasheet HTML 10Page - SPANSION S25FL032P0XMHI013 Datasheet HTML 11Page - SPANSION S25FL032P0XMHI013 Datasheet HTML 12Page - SPANSION S25FL032P0XMHI013 Datasheet HTML 13Page - SPANSION S25FL032P0XMHI013 Datasheet HTML 14Page - SPANSION S25FL032P0XMHI013 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
January 29, 2013 S25FL032P_00_09
S25FL032P
11
Data
Sheet
Figure 2.6 6x8 mm 24-ball BGA Package, 6x4 pin Configuration
3.
Input/Output Descriptions
SCK
NC
NC
GND
VCC
B2
B3
B4
CS#
NC W#/ACC/IO2
C1
C2
C3
C4
SO/IO1
SI/IO0 HOLD#/IO3
D1
D2
D3
D4
NC
NC
NC
E1
E2
E3
NC
E4
NC
NC
NC
A2
A3
A4
B1
NC
NC
NC
NC
F1
F2
F3
NC
F4
NC
A1
Signal
I/O
Description
SO/IO1
I/O
Serial Data Output: Transfers data serially out of the device on the falling edge of SCK.
Functions as an input pin in Dual and Quad I/O, and Quad Page Program modes.
SI/IO0
I/O
Serial Data Input: Transfers data serially into the device. Device latches commands,
addresses, and program data on SI on the rising edge of SCK. Functions as an output pin in
Dual and Quad I/O mode.
SCK
Input
Serial Clock: Provides serial interface timing. Latches commands, addresses, and data on SI on
rising edge of SCK. Triggers output on SO after the falling edge of SCK.
CS#
Input
Chip Select: Places device in active power mode when driven low. Deselects device and places
SO at high impedance when high. After power-up, device requires a falling edge on CS# before
any command is written. Device is in standby mode when a program, erase, or Write Status
Register operation is not in progress.
HOLD#/IO3
I/O
Hold: Pauses any serial communication with the device without deselecting it. When driven low,
SO is at high impedance, and all input at SI and SCK are ignored. Requires that CS# also be
driven low. Functions as an output pin in Quad I/O mode.
W#/ACC/IO2
I/O
Write Protect: Protects the memory area specified by Status Register bits BP2:BP0. When
driven low, prevents any program or erase command from altering the data in the protected
memory area. Functions as an output pin in Quad I/O mode.
VCC
Input
Supply Voltage
GND
Input
Ground


Similar Part No. - S25FL032P0XMHI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results

Similar Description - S25FL032P0XMHI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com