Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32912A3104 Datasheet(PDF) 10 Page - EPCOS

Part # B32912A3104
Description  Film Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32912A3104 Datasheet(HTML) 10 Page - EPCOS

Back Button B32912A3104 Datasheet HTML 6Page - EPCOS B32912A3104 Datasheet HTML 7Page - EPCOS B32912A3104 Datasheet HTML 8Page - EPCOS B32912A3104 Datasheet HTML 9Page - EPCOS B32912A3104 Datasheet HTML 10Page - EPCOS B32912A3104 Datasheet HTML 11Page - EPCOS B32912A3104 Datasheet HTML 12Page - EPCOS B32912A3104 Datasheet HTML 13Page - EPCOS B32912A3104 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Topic
Safety information
Reference chapter
"Mounting guidelines"
Soldering
Do not exceed the specified time or temperature
limits during soldering.
1 "Soldering"
Cleaning
Use only suitable solvents for cleaning capacitors. 2 "Cleaning"
Embedding of
capacitors in
finished assemblies
When embedding finished circuit assemblies in
plastic resins, chemical and thermal influences
must be taken into account.
Caution: Consult us first, if you also wish to
embed other uncoated component types!
3 "Embedding of
capacitors in finished
assemblies"
Design of EMI Capacitors
EPCOS EMI capacitors use polypropylene (PP) film metalized with a thin layer of Zinc (Zn).
The following key points have made this design suitable to IEC/UL testing, holding a minimum
size.
Overvoltage AC capability with very high temperature Endurance test of IEC60384-14
(3rd edition, 2005-07) / UL60384-14 (1st edition, 2009-04) must be performed at 1.25
× V
R at
maximum temperature, during 1000 hours, with a capacitance drift less than 10%.
Higher breakdown voltage withstanding if compared to other film metallizations, like Aluminum.
IEC60384-14 (3rd edition, 2005-07) / UL60384-14 (1st edition, 2009-04) establishes high
voltage tests performed at 4.3
× V
R
1 minute, impulse testing at 2500 V for C= 1 µF and active
flammability tests.
Damp heat steady state: 40
°C/ 93% RH / 56 days. (without voltage or current load)
Effect of humidity on capacitance stability
Long contact of a film capacitor with humidity can produce irreversible effects. Direct contact with
liquid water or excess exposure to high ambient humidity or dew will eventually remove the film
metallization and thus destroy the capacitor. Plastic boxed capacitors must be properly tested in
the final application at the worst expected conditions of temperature and humidity in order to
check if any parameter drift may provoke a circuit malfunction.
In case of penetration of humidity through the film, the layer of Zinc can be degraded, specially
under AC operation (change of polarity), accelerated by the temperature, provoking an increment
of the serial resistance of the electrode and eventually a reduction of the capacitance value.
For DC operation, the parameter drift is much less.
Plastic boxes and resins can not protect 100% against humidity. Metal enclosures, resin potting or
coatings or similar measures by customers in their applications will offer additional protection
against humidity penetration.
B32911 ... B32916
X1 / 330 V AC
Page 10 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32912A3104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32912A3104 EPCOS-B32912A3104 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B32912A3104 EPCOS-B32912A3104 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32912A3104 EPCOS-B32912A3104 Datasheet
331Kb / 19P
   EMI Suppression Capacitors (MKP)
B32912A3104000 EPCOS-B32912A3104000 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32912A3104189 EPCOS-B32912A3104189 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32912A3104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com