Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32672Z5104 Datasheet(PDF) 2 Page - EPCOS

Part # B32672Z5104
Description  Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32672Z5104 Datasheet(HTML) 2 Page - EPCOS

  B32672Z5104 Datasheet HTML 1Page - EPCOS B32672Z5104 Datasheet HTML 2Page - EPCOS B32672Z5104 Datasheet HTML 3Page - EPCOS B32672Z5104 Datasheet HTML 4Page - EPCOS B32672Z5104 Datasheet HTML 5Page - EPCOS B32672Z5104 Datasheet HTML 6Page - EPCOS B32672Z5104 Datasheet HTML 7Page - EPCOS B32672Z5104 Datasheet HTML 8Page - EPCOS B32672Z5104 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Typical applications
PFC (Power Factor Correction)
Not suitable for "across the line" applications
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/110/56
Construction
Dielectric: metallized polypropylene (PP)
Wound capacitor technology
Plastic case (UL 94 V-0)
Epoxy resin sealing, flame retardant
Features
High frequency capability
Very small dimensions
RoHS-compatible
Halogen-free capacitors available on request
Terminals
Parallel wire leads, lead-free tinned
Marking
Manufacturer's logo,
rated capacitance (coded),
tolerance,
rated DC voltage,
type number
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
10
0.6
B32671Z
15
0.8
B32672Z
22.5
0.8
B32673Z
Metallized polypropylene film capacitors (MKP)
B32671Z ... B32673Z
Power Factor Correction
Page 2 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672Z5104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672Z5104 EPCOS-B32672Z5104 Datasheet
377Kb / 22P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32672Z5104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com