Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAUDAMP22 Datasheet(PDF) 7 Page - International Rectifier

Part # IRAUDAMP22
Description  50W/2 x 2 Channel Class D Audio Power Amplifier Using the IR4322
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP22 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRAUDAMP22 Datasheet HTML 3Page - International Rectifier IRAUDAMP22 Datasheet HTML 4Page - International Rectifier IRAUDAMP22 Datasheet HTML 5Page - International Rectifier IRAUDAMP22 Datasheet HTML 6Page - International Rectifier IRAUDAMP22 Datasheet HTML 7Page - International Rectifier IRAUDAMP22 Datasheet HTML 8Page - International Rectifier IRAUDAMP22 Datasheet HTML 9Page - International Rectifier IRAUDAMP22 Datasheet HTML 10Page - International Rectifier IRAUDAMP22 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.irf.com
Page 7 of 22
IRAUDAMP22 REV 1.0
Performance and Test Graphs
Power vs THD+N (without heatsink)
Test Conditions:
VBus = ± 13.5V
Input Signal = 1 KHz
Load Impedance = 2 ohms
Set Gain = 1% clipping 37W
Amp21_22 PWR vs THD.at27
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
3
Anlr.THD+N Ratio
Left
CH1
1
3
Blue
Solid
3
Anlr.THD+N Ratio
Left
CH2
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
100
200m
500m
1
2
5
10
20
50
W
Figure 3
Power vs THD+N (with heatsink)
Test Conditions:
VBus = ± 19V
Input Signal =1 KHz
Load Impedance = 2 ohms
Set Gain = 1% clipping 75W
Amp21_22 PWR vs THD.at27
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
3
Anlr.THD+N Ratio
Left
CH1
1
3
Blue
Solid
3
Anlr.THD+N Ratio
Left
CH2
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
100
200m
500m
1
2
5
10
20
50
W
Figure 4


Similar Part No. - IRAUDAMP22

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP22

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21 Datasheet
820Kb / 22P
   90W/2廓 x 2 Channel Class D Audio Power Amplifier Using the IR4321
IRAUDAMP5 IRF-IRAUDAMP5 Datasheet
2Mb / 49P
   120W x 2 Channel Class D Audio Power Amplifier Using the IRS2092S and IRF6645
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
logo
Sanyo Semicon Device
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
logo
International Rectifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Princeton Technology Co...
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
   15W x 2, Class-D Audio Power Amplifier
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
   2.2W x 2 Class-D Audio Power Amplifier
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
   22W x 2, Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com