Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65887E0000R049 Datasheet(PDF) 3 Page - EPCOS

Part # B65887E0000R049
Description  Ferrites and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65887E0000R049 Datasheet(HTML) 3 Page - EPCOS

  B65887E0000R049 Datasheet HTML 1Page - EPCOS B65887E0000R049 Datasheet HTML 2Page - EPCOS B65887E0000R049 Datasheet HTML 3Page - EPCOS B65887E0000R049 Datasheet HTML 4Page - EPCOS B65887E0000R049 Datasheet HTML 5Page - EPCOS B65887E0000R049 Datasheet HTML 6Page - EPCOS B65887E0000R049 Datasheet HTML 7Page - EPCOS B65887E0000R049 Datasheet HTML 8Page - EPCOS B65887E0000R049 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
H
max. operating temperature 180
°C), color code black
Sumikon PM 9630® [E41429 (M)], SUMITOMO BAKELITE CO LTD
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3.5 s
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Squared pins.
For matching clamp and insulating washer see page 5.
10 pins
12 pins
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
107
71.5
23
10
B65888N1010D001
12
B65888N1012D001
FRM0273-D
0,6
Erdungspunkte ø1,6+0,1
1
2
3
12
11
10
9
7
4
6
7
9
6 4
10
11
12
1
2
3
8
5
0,3
ø28,8 _
_
ø16,8 0,2
Ground Ø 1.6+0.1
Hole arrangement
View in mounting direction
B65888
Accessories
RM 14


Similar Part No. - B65887E0000R049

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65887E0000R049 EPCOS-B65887E0000R049 Datasheet
332Kb / 8P
   Ferrites and accessories
B65887E0000R049 EPCOS-B65887E0000R049 Datasheet
375Kb / 12P
   Ferrites and accessories
logo
TDK Electronics
B65887E0000R049 TDK-B65887E0000R049 Datasheet
609Kb / 12P
   Ferrites and accessories
More results

Similar Description - B65887E0000R049

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com