Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72232B0131K001 Datasheet(PDF) 4 Page - EPCOS

Part # B72232B0131K001
Description  SIOV metal oxide varistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72232B0131K001 Datasheet(HTML) 4 Page - EPCOS

  B72232B0131K001 Datasheet HTML 1Page - EPCOS B72232B0131K001 Datasheet HTML 2Page - EPCOS B72232B0131K001 Datasheet HTML 3Page - EPCOS B72232B0131K001 Datasheet HTML 4Page - EPCOS B72232B0131K001 Datasheet HTML 5Page - EPCOS B72232B0131K001 Datasheet HTML 6Page - EPCOS B72232B0131K001 Datasheet HTML 7Page - EPCOS B72232B0131K001 Datasheet HTML 8Page - EPCOS B72232B0131K001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics (TA = 25 °C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc, max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
B72240B0750K001
120
±10
220
300
11000
B72232B0131K001
205
±10
340
200
4400
B72240B0131K001
205
±10
340
300
5600
B72260B0131K001
205
±10
340
500
15000
B72280B0131K001
205
±10
340
800
28000
B72232B0151K001
240
±10
395
200
3700
B72240B0151K001
240
±10
395
300
4800
B72260B0151K001
240
±10
395
500
12000
B72280B0151K001
240
±10
395
800
23000
B72232B0231K001
360
±10
595
200
2500
B72240B0231K001
360
±10
595
300
3200
B72260B0231K001
360
±10
595
500
7900
B72280B0231K001
360
±10
595
800
16000
B72232B0251K001
390
±10
650
200
2200
B72240B0251K001
390
±10
650
300
2900
B72260B0251K001
390
±10
650
500
7100
B72280B0251K001
390
±10
650
800
14000
B72232B0271K001
430
±10
710
200
2000
B72240B0271K001
430
±10
710
300
2700
B72260B0271K001
430
±10
710
500
6600
B72280B0271K001
430
±10
710
800
13000
B72232B0321K001
510
±10
840
200
1700
B72240B0321K001
510
±10
840
300
2300
B72260B0321K001
510
±10
840
500
5600
B72280B0321K001
510
±10
840
800
11000
B72232B0381K001
620
±10
1025
200
1400
B72240B0381K001
620
±10
1025
300
1900
B72260B0381K001
620
±10
1025
500
4600
B72280B0381K001
620
±10
1025
800
9000
HighE series
Block varistors


Similar Part No. - B72232B0131K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72232B0131K001 EPCOS-B72232B0131K001 Datasheet
96Kb / 7P
   Block Varistors HighE Series
More results

Similar Description - B72232B0131K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com