Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B81141C1104M Datasheet(PDF) 3 Page - EPCOS

Part # B81141C1104M
Description  EMI Suppression Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81141C1104M Datasheet(HTML) 3 Page - EPCOS

  B81141C1104M Datasheet HTML 1Page - EPCOS B81141C1104M Datasheet HTML 2Page - EPCOS B81141C1104M Datasheet HTML 3Page - EPCOS B81141C1104M Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
230 12/00
X1
Pulse handling capability
Maximum permissible voltage change per unit of time for non-sinusoidal voltages (pulse, sawtooth).
For Vpp < V
ˆ
R, the permissible voltage rise rate Vpp/τ may be multiplied by the factor V
ˆ
R/Vpp.
Also refer to the calculation example in chapter “General technical information”, page 302.
Dissipation factor tan
δ (in 10−3)
at 20
°C
(upper limit values)
Insulation resistance Ris
or time constant
τ = C
R ⋅ Ris
at 20
°C, rel. humidity ≤ 65 %
(minimum as-delivered values)
Impedance Z
versus frequency f
(typical values)
VR
Max. rate of voltage rise Vpp/τ in V/µs (for Vpp = V
ˆ
R)
Lead spacing
15 mm
22,5 mm
27,5 mm
37,5 mm
440 Vac
80
50
30
15
VR
Pulse characteristic k0 in V2/µs (for Vpp ≤ V
ˆ
R)
Lead spacing
15 mm
22,5 mm
27,5 mm
37,5 mm
440 Vac
100 000
50 000
30 000
18 000
Technical data
CR ≤ 0,1 µF0,1 µF < CR ≤ 1 µF CR > 1 µF
at
1 kHz
8
8
10
10 kHz 15
15
100 kHz 30
CR ≤ 0,33 µF
CR > 0,33 µF
30 000 M
10 000 s
440 Vac
B 81 141


Similar Part No. - B81141C1104M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81141C1104M000 EPCOS-B81141C1104M000 Datasheet
118Kb / 5P
   Film Capacitors EMI Suppression Capacitors (MKT)
B81141C1104M189 EPCOS-B81141C1104M189 Datasheet
118Kb / 5P
   Film Capacitors EMI Suppression Capacitors (MKT)
B81141C1104M289 EPCOS-B81141C1104M289 Datasheet
118Kb / 5P
   Film Capacitors EMI Suppression Capacitors (MKT)
More results

Similar Description - B81141C1104M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
EPCOS
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com