Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B81141-C1224 Datasheet(PDF) 2 Page - EPCOS

Part # B81141-C1224
Description  EMI Suppression Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81141-C1224 Datasheet(HTML) 2 Page - EPCOS

  B81141-C1224 Datasheet HTML 1Page - EPCOS B81141-C1224 Datasheet HTML 2Page - EPCOS B81141-C1224 Datasheet HTML 3Page - EPCOS B81141-C1224 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
229 12/00
X1
Capacitance tolerance:
± 20 % =ˆ M (closer tolerances upon request)
Ordering codes and packing units
Lead
spacing
± 0,4
mm
CR
Maximum
dimensions
b
× h × l
(mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
Lead length
6mm
26mm
15
10 nF
5,0
× 10,5 × 18,0 B81141-C1103-M*** 1170
1300
1000
1000
22 nF
7,0
× 12,5 × 18,0 B81141-C1223-M*** 830
900
1000
800
33 nF
8,5
× 14,5 × 18,0 B81141-C1333-M*** 680
700
500
500
47 nF
9,0
× 17,5 × 18,0 B81141-C1473-M*** 640
700
500
500
22,5
68 nF
8,5
× 16,5 × 26,5 B81141-C1683-M*** 480
500
510
450
0,10
µF 10,5 × 16,5 × 26,5 B81141-C1104-M*** 390
400
540
350
0,15
µF 11,0 × 20,5 × 26,5 B81141-C1154-M*** 370
350
510
300
27,5
0,22
µF 12,5 × 21,5 × 31,5 B81141-C1224-M***
300
280
200
0,33
µF 14,0 × 24,5 × 31,5 B81141-C1334-M***
260
150
0,47
µF 18,0 × 27,5 × 31,5 B81141-C1474-M***
200
100
37,5
0,68
µF 16,0 × 28,5 × 41,5 B81141-C1684-M***
100
Technical data
Climatic category
in accordance with IEC 60068-1
40/085/21
Lower category temperature Tmin
Upper category temperature Tmax
− 40 °C
+ 85 °C
Passive flammability category
in accordance with IEC 40 (CO) 752 C
Damp heat test
21 days/40
°C/93 % relative humidity
Limit values after damp
heat test
Capacitance change |
∆C/C|
≤ 5 %
Dissipation factor change
∆ tan δ ≤ 5 ⋅ 10−3 (at 1 kHz)
Insulation resistance Ris
≥ 50 % of minimum
or time constant
τ = CR ⋅ Ris
as-delivered values
Permissible
continuous ac voltage
440 V (50/60 Hz)
Permissible continuous dc voltage
1000 V
DC test voltage
2500 V, 2 s
1) Replace the *** by the code number for the required lead length or packing.
000 = lead length 6 mm (untaped)
026 = lead length 26 mm (untaped)
289 = taped, Ammo pack
189 = taped, reel
440 Vac
B81 141


Similar Part No. - B81141-C1224

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81141 EPCOS-B81141 Datasheet
118Kb / 5P
   Film Capacitors EMI Suppression Capacitors (MKT)
B81141C1103M000 EPCOS-B81141C1103M000 Datasheet
118Kb / 5P
   Film Capacitors EMI Suppression Capacitors (MKT)
B81141C1103M189 EPCOS-B81141C1103M189 Datasheet
118Kb / 5P
   Film Capacitors EMI Suppression Capacitors (MKT)
B81141C1103M289 EPCOS-B81141C1103M289 Datasheet
118Kb / 5P
   Film Capacitors EMI Suppression Capacitors (MKT)
B81141C1104K000 EPCOS-B81141C1104K000 Datasheet
118Kb / 5P
   Film Capacitors EMI Suppression Capacitors (MKT)
More results

Similar Description - B81141-C1224

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
EPCOS
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com