Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72240B0251K001 Datasheet(PDF) 6 Page - EPCOS

Part # B72240B0251K001
Description  SIOV metal oxide varistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72240B0251K001 Datasheet(HTML) 6 Page - EPCOS

Back Button B72240B0251K001 Datasheet HTML 2Page - EPCOS B72240B0251K001 Datasheet HTML 3Page - EPCOS B72240B0251K001 Datasheet HTML 4Page - EPCOS B72240B0251K001 Datasheet HTML 5Page - EPCOS B72240B0251K001 Datasheet HTML 6Page - EPCOS B72240B0251K001 Datasheet HTML 7Page - EPCOS B72240B0251K001 Datasheet HTML 8Page - EPCOS B72240B0251K001 Datasheet HTML 9Page - EPCOS B72240B0251K001 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
B72232B0421K001
680
±10
1120
200
1300
B72240B0421K001
680
±10
1120
300
1800
B72260B0421K001
680
±10
1120
500
4300
B72280B0421K001
680
±10
1120
800
8500
B72232B0441K001
715
±10
1180
200
1250
B72240B0441K001
715
±10
1180
300
1700
B72260B0441K001
715
±10
1180
500
4100
B72280B0441K001
715
±10
1180
800
8100
B72232B0461K001
750
±10
1240
200
1200
B72240B0461K001
750
±10
1240
300
1600
B72260B0461K001
750
±10
1240
500
3900
B72280B0461K001
750
±10
1240
800
7700
B72232B0551K001
910
±10
1500
200
1000
B72240B0551K001
910
±10
1500
300
1400
B72260B0551K001
910
±10
1500
500
3300
B72280B0551K001
910
±10
1500
800
6500
B72232B0681K001
1100
±10
1815
200
830
B72240B0681K001
1100
±10
1815
300
1100
B72260B0681K001
1100
±10
1815
500
2600
B72280B0681K001
1100
±10
1815
800
5200
B72232B0751K001
1200
±10
2000
200
800
B72240B0751K001
1200
±10
2000
300
1000
B72260B0751K001
1200
±10
2000
500
2400
B72280B0751K001
1200
±10
2000
800
4800
B72260B0102K001
1800
±10
2970
500
1600
B72280B0112K001
1800
±10
2970
800
3200
Characteristics (TA = 25 °C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc, max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
HighE series
Block varistors


Similar Part No. - B72240B0251K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72240B0251K001 EPCOS-B72240B0251K001 Datasheet
96Kb / 7P
   Block Varistors HighE Series
More results

Similar Description - B72240B0251K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com