Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-M300 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HLMP-M300
Description  4 mm FLAT TOP LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-M300 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HLMP-M300 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-M300 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-M300 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-M300 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4 mm FLAT TOP LAMPS
.050 (1.27)
.050 (1.27)
REF.
.100 (2.54)
1.00 (25.4)
MIN
.020 (0.50)
SQ. TYP. (2X)
.050 (1.27)
INDICATES
CATHODE
.100 (2.54)
.246 (6.24)
.226 (5.74)
.162 (4.11)
.152 (3.86)
.100 (2.54)
DIA
PACKAGE DIMENSIONS
DESCRIPTION
Bright illumination and wide viewing angle are two outstanding
features of the 4 mm flat top lamps. The cylindrical shape and flat
emitting surface make these lamps particularly well suited for
applications requiring high light output in minimal space.
FEATURES
• Wide viewing angle
• Excellent for backlighting small areas
• Solid state reliability
• Choice of tinted clear or tinted diffused package
Parameters
HER
YELLOW
GREEN
UNITS
Power Dissipation
135
120
135
mW
Peak Forward Current
(1
µS pulse width, 0.3% duty cycle)
90
60
90
mA
Reverse Voltage
5
5
5
V
Lead Soldering Time at 260
° C
5
5
5
sec
Continuous Forward Current
30
20
30
mA
Operating Temperature
-55 to +100
-55 to +100
-55 to +100
°C
Storage Temperature
-55 to +100
-55 to +100
-55 to +100
°C
ABSOLUTE MAXIMUM RATING (TA =25°C)
NOTES: ALL DIMENSIONS ARE IN INCHES (mm).
HER
HLMP-M200/M201
HLMP-M250/M251
YELLOW
HLMP-M300/M301
HLMP-M350/M351
GREEN
HLMP-M500/M501
HLMP-M550/M551
 2001 Fairchild Semiconductor Corporation
DS300015
3/14/01
1 OF 4
www.fairchildsemi.com


Similar Part No. - HLMP-M300

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-M300 QT-HLMP-M300 Datasheet
277Kb / 4P
   4mm FLAT TOP LAMPS
More results

Similar Description - HLMP-M300

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-M200 QT-HLMP-M200 Datasheet
277Kb / 4P
   4mm FLAT TOP LAMPS
logo
Kingbright Corporation
L443HDT KINGBRIGHT-L443HDT Datasheet
166Kb / 5P
   2.4mm FLAT TOP LED LAMPS
logo
Micro Electronics
MGB37D MICRO-ELECTRONICS-MGB37D Datasheet
87Kb / 2P
   3mm FLAT TOP LED LAMPS
logo
Marktech Corporate
MT2640-HRG MARKTECH-MT2640-HRG Datasheet
27Kb / 1P
   TRI-STATE FLAT-TOP LED LAMPS
logo
Everlight Electronics C...
28-21UYC-S530-XX-XXX EVERLIGHT-28-21UYC-S530-XX-XXX Datasheet
184Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21SURC-S530-XX-TR8 EVERLIGHT-28-21SURC-S530-XX-TR8 Datasheet
150Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21SDRC-S530-XX-XXX EVERLIGHT-28-21SDRC-S530-XX-XXX Datasheet
249Kb / 10P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21UYC-S530-XX-XXX EVERLIGHT-28-21UYC-S530-XX-XXX_11 Datasheet
275Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
HK TO-GRACE TECHNOLOGY ...
28-21UYC-S530-XX-XXX TO-GRACE-28-21UYC-S530-XX-XXX Datasheet
592Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21SDRC-S530-XX-XXX TO-GRACE-28-21SDRC-S530-XX-XXX Datasheet
895Kb / 10P
   1.4 mm Height Subminiature , Axial Flat Top View LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com