Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGL125V2-VQ484PP Datasheet(PDF) 11 Page - Microsemi Corporation

Part # AGL125V2-VQ484PP
Description  IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGL125V2-VQ484PP Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button AGL125V2-VQ484PP Datasheet HTML 7Page - Microsemi Corporation AGL125V2-VQ484PP Datasheet HTML 8Page - Microsemi Corporation AGL125V2-VQ484PP Datasheet HTML 9Page - Microsemi Corporation AGL125V2-VQ484PP Datasheet HTML 10Page - Microsemi Corporation AGL125V2-VQ484PP Datasheet HTML 11Page - Microsemi Corporation AGL125V2-VQ484PP Datasheet HTML 12Page - Microsemi Corporation AGL125V2-VQ484PP Datasheet HTML 13Page - Microsemi Corporation AGL125V2-VQ484PP Datasheet HTML 14Page - Microsemi Corporation AGL125V2-VQ484PP Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 250 page
background image
IGLOO Low Power Flash FPGAs
Revision 23
1-5
Flash*Freeze Technology
The IGLOO device has an ultra-low power static mode, called Flash*Freeze mode, which retains all
SRAM and register information and can still quickly return to normal operation. Flash*Freeze technology
enables the user to quickly (within 1 µs) enter and exit Flash*Freeze mode by activating the
Flash*Freeze pin while all power supplies are kept at their original values. In addition, I/Os and global
I/Os can still be driven and can be toggling without impact on power consumption, clocks can still be
driven or can be toggling without impact on power consumption, and the device retains all core registers,
SRAM information, and states. I/O states are tristated during Flash*Freeze mode or can be set to a
certain state using weak pull-up or pull-down I/O attribute configuration. No power is consumed by the
I/O banks, clocks, JTAG pins, or PLL, and the device consumes as little as 5 µW in this mode.
Flash*Freeze technology allows the user to switch to active mode on demand, thus simplifying the power
management of the device.
The Flash*Freeze pin (active low) can be routed internally to the core to allow the user's logic to decide
when it is safe to transition to this mode. It is also possible to use the Flash*Freeze pin as a regular I/O if
Flash*Freeze mode usage is not planned, which is advantageous because of the inherent low power
static (as low as 12 µW) and dynamic capabilities of the IGLOO device. Refer to Figure 1-3 for an
illustration of entering/exiting Flash*Freeze mode.
VersaTiles
The IGLOO core consists of VersaTiles, which have been enhanced beyond the ProASICPLUS® core
tiles. The IGLOO VersaTile supports the following:
All 3-input logic functions—LUT-3 equivalent
Latch with clear or set
D-flip-flop with clear or set
Enable D-flip-flop with clear or set
Refer to Figure 1-4 for VersaTile configurations.
Figure 1-3 • IGLOO Flash*Freeze Mode
IGLOO FPGA
Flash*Freeze
Mode Control
Flash*Freeze Pin
Figure 1-4 • VersaTile Configurations
X1
Y
X2
X3
LUT-3
Data
Y
CLK
Enable
CLR
D-FF
Data
Y
CLK
CLR
D-FF
LUT-3 Equivalent
D-Flip-Flop with Clear or Set
Enable D-Flip-Flop with Clear or Set


Similar Part No. - AGL125V2-VQ484PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL125V2-VQ144 ACTEL-AGL125V2-VQ144 Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL125V2-VQ144 MICROSEMI-AGL125V2-VQ144 Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL125V2-VQ144ES ACTEL-AGL125V2-VQ144ES Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL125V2-VQ144ES MICROSEMI-AGL125V2-VQ144ES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL125V2-VQ144I ACTEL-AGL125V2-VQ144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
More results

Similar Description - AGL125V2-VQ484PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com