Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BC847B
Description  45 V, 100 mA NPN general-purpose transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BC847B Datasheet HTML 6Page - NXP Semiconductors BC847B Datasheet HTML 7Page - NXP Semiconductors BC847B Datasheet HTML 8Page - NXP Semiconductors BC847B Datasheet HTML 9Page - NXP Semiconductors BC847B Datasheet HTML 10Page - NXP Semiconductors BC847B Datasheet HTML 11Page - NXP Semiconductors BC847B Datasheet HTML 12Page - NXP Semiconductors BC847B Datasheet HTML 13Page - NXP Semiconductors BC847B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BC847_BC547_SER_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 10 December 2008
10 of 15
NXP Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
8.
Package outline
Fig 13. Package outline SOT23 (TO-236AB)
Fig 14. Package outline SOT323 (SC-70)
Fig 15. Package outline SOT416 (SC-75)
Fig 16. Package outline SOT883 (SC-101)
Fig 17. Package outline SOT54 (SC-43A/TO-92)
Fig 18. Package outline SOT54A
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
12
3
04-11-04
Dimensions in mm
0.95
0.60
1.8
1.4
1.75
1.45
0.9
0.7
0.25
0.10
1
0.30
0.15
12
3
0.45
0.15
03-04-03
Dimensions in mm
0.62
0.55
0.55
0.47
0.50
0.46
0.65
0.20
0.12
3
21
0.30
0.22
0.30
0.22
1.02
0.95
0.35
04-11-16
Dimensions in mm
5.2
5.0
14.5
12.7
4.8
4.4
4.2
3.6
0.45
0.38
0.48
0.40
1.27
2.54
3
2
1
04-06-28
Dimensions in mm
5.2
5.0
14.5
12.7
4.8
4.4
4.2
3.6
0.45
0.38
0.48
0.40
2.54
5.08
3 max
3
2
1


Similar Part No. - BC847B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847B PHILIPS-BC847B Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rohm
BC847B ROHM-BC847B Datasheet
86Kb / 6P
   NPN General Purpose Transistor
logo
STMicroelectronics
BC847B STMICROELECTRONICS-BC847B Datasheet
57Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
logo
First Components Intern...
BC847B FCI-BC847B Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
logo
Rectron Semiconductor
BC847B RECTRON-BC847B Datasheet
456Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results

Similar Description - BC847B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847 NXP-BC847 Datasheet
96Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
BC847BW115 NXP-BC847BW115 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC847XM_SER NEXPERIA-BC847XM_SER Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com