Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4650DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRGP4650DPBF
Description  INSULATED GATE BIPOLARTRANSIST WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4650DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRGP4650DPBF Datasheet HTML 1Page - International Rectifier IRGP4650DPBF Datasheet HTML 2Page - International Rectifier IRGP4650DPBF Datasheet HTML 3Page - International Rectifier IRGP4650DPBF Datasheet HTML 4Page - International Rectifier IRGP4650DPBF Datasheet HTML 5Page - International Rectifier IRGP4650DPBF Datasheet HTML 6Page - International Rectifier IRGP4650DPBF Datasheet HTML 7Page - International Rectifier IRGP4650DPBF Datasheet HTML 8Page - International Rectifier IRGP4650DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.irf.com © 2012 International Rectifier
January 8, 2013
5
IRGP4650DPbF/IRGP4650D-EPbF
Fig. 13 - Typ. Energy Loss vs. IC
TJ = 175°C; L = 200μH; VCE = 400V, RG = 10; VGE= 15V
Fig. 14 - Typ. Switching Time vs. IC
TJ = 175°C; L = 200μH; VCE = 400V, RG = 10; VGE = 15V
Fig. 15 - Typ. Energy Loss vs. RG
TJ = 175°C; L = 210μH; VCE = 400V, ICE = 35A; VGE = 15V
Fig. 16 - Typ. Switching Time vs. RG
TJ = 175°C; L = 210μH; VCE = 400V, ICE = 35A; VGE = 15V
Fig. 17 - Typ. Diode IRR vs. IF
TJ = 175°C
Fig. 18 - Typ. Diode IRR vs. RG
TJ = 175°C
0
10
20304050
6070
IC (A)
0
500
1000
1500
2000
2500
3000
3500
4000
EOFF
EON
0
10
20
30
40
50
60
70
IC (A)
10
100
1000
tR
tdOFF
tF
tdON
0
255075
100
Rg (
)
500
1000
1500
2000
2500
3000
EOFF
EON
0
10
20
30
40
50
RG ()
10
100
1000
tR
tdOFF
tF
tdON
10
20
30
40
50
60
70
IF (A)
10
15
20
25
30
35
RG = 100
RG = 10
RG = 22
RG = 47
0
20
40
60
80
100
RG (
14
16
18
20
22
24
26


Similar Part No. - IRGP4650DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4650DPBF IRF-IRGP4650DPBF Datasheet
337Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP4650DPBF IRF-IRGP4650DPBF_15 Datasheet
337Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
More results

Similar Description - IRGP4650DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC10UDPBF IRF-IRG4IBC10UDPBF_15 Datasheet
312Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG7PH35UDPBF IRF-IRG7PH35UDPBF_15 Datasheet
466Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com