Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72260B0321K001 Datasheet(PDF) 8 Page - EPCOS

Part # B72260B0321K001
Description  SIOV metal oxide varistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72260B0321K001 Datasheet(HTML) 8 Page - EPCOS

Back Button B72260B0321K001 Datasheet HTML 4Page - EPCOS B72260B0321K001 Datasheet HTML 5Page - EPCOS B72260B0321K001 Datasheet HTML 6Page - EPCOS B72260B0321K001 Datasheet HTML 7Page - EPCOS B72260B0321K001 Datasheet HTML 8Page - EPCOS B72260B0321K001 Datasheet HTML 9Page - EPCOS B72260B0321K001 Datasheet HTML 10Page - EPCOS B72260B0321K001 Datasheet HTML 11Page - EPCOS B72260B0321K001 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Note:
UCT = Upper category temperature
LCT = Lower category temperature
Reliability data
Test
Test methods/conditions
Requirement
Varistor voltage
The voltage between two terminals with
the specified measuring current applied
is called Vv (1 mADC @ 0.2 … 2 s).
To meet the specified value.
Clamping voltage
The maximum voltage between two
terminals with the specified standard
impulse current (8/20
µs) applied.
To meet the specified value.
Max. DC operating voltage The maximum allowable DC operating
voltage VDC at UCT +5/–0 °C is
applied for 1000
±48 h.
The leakage current Ileak (t) during test
is recorded.
Then the specimen shall be stored at
room temperature and normal humidity
for 1 to 2 h.
Thereafter, the change of Vv shall be
measured.
Ileak (t = 1000 h) ≤ Ileak (t = 0 h)
|∆V/V (1 mA)| ≤10%
Surge current derating,
8/20
µs
10 surge currents (8/20
µs), unipolar,
interval
≥60 s, amplitude correspond-
ing to derating curve for 10 impulses
at 20
µs
|∆V/V (1 mA)| ≤10%
(measured in direction
of surge current)
No visible damage
Fast temperature cycling
IEC 60068-2-14, test Na, LCT/UCT,
dwell time 120 min, 5 cycles
|∆V/V (1 mA)| ≤10%
No visible damage
Damp heat, steady state
IEC 60068-2-78
The specimen shall be subjected to
40
±2 °C, 90 to 95% r. H. for 56 ±2 days
with 10% of the maximum continuous
DC operating voltage VDC.
Then stored at room temperature and
normal humidity for 1 to 2 h.
Thereafter, the change of Vv shall be
measured.
|∆V/V (1 mA)| ≤10%
HighE series
Block varistors


Similar Part No. - B72260B0321K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72260B0321K001 EPCOS-B72260B0321K001 Datasheet
96Kb / 7P
   Block Varistors HighE Series
More results

Similar Description - B72260B0321K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com