Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3PE600-1PQG100I Datasheet(PDF) 1 Page - Microsemi Corporation

Part # A3PE600-1PQG100I
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PE600-1PQG100I Datasheet(HTML) 1 Page - Microsemi Corporation

  A3PE600-1PQG100I Datasheet HTML 1Page - Microsemi Corporation A3PE600-1PQG100I Datasheet HTML 2Page - Microsemi Corporation A3PE600-1PQG100I Datasheet HTML 3Page - Microsemi Corporation A3PE600-1PQG100I Datasheet HTML 4Page - Microsemi Corporation A3PE600-1PQG100I Datasheet HTML 5Page - Microsemi Corporation A3PE600-1PQG100I Datasheet HTML 6Page - Microsemi Corporation A3PE600-1PQG100I Datasheet HTML 7Page - Microsemi Corporation A3PE600-1PQG100I Datasheet HTML 8Page - Microsemi Corporation A3PE600-1PQG100I Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 162 page
background image
January 2013
I
© 2013 Microsemi Corporation
ProASIC3E Flash Family FPGAs
with Optional Soft ARM Support
Features and Benefits
High Capacity
• 600 k to 3 Million System Gates
• 108 to 504 kbits of True Dual-Port SRAM
• Up to 620 User I/Os
Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS
Process
• Instant On Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off
On-Chip User Nonvolatile Memory
• 1 kbit of FlashROM with Synchronous Interfacing
High Performance
• 350 MHz System Performance
• 3.3 V, 66 MHz 64-Bit PCI
In-System Programming (ISP) and Security
• ISP Using On-Chip 128-Bit Advanced Encryption Standard
(AES) Decryption via JTAG (IEEE 1532–compliant)
• FlashLock® Designed to Secure FPGA Contents
Low Power
• Core Voltage for Low Power
• Support for 1.5-V-Only Systems
• Low-Impedance Flash Switches
High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure
• Ultra-Fast Local and Long-Line Network
• Enhanced High-Speed, Very-Long-Line Network
• High-Performance, Low-Skew Global Network
• Architecture Supports Ultra-High Utilization
Pro (Professional) I/O
• 700 Mbps DDR, LVDS-Capable I/Os
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 8 Banks per Chip
• Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V /
2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X, and LVCMOS
2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and
M-LVDS
• Voltage-Referenced I/O Standards: GTL+ 2.5 V / 3.3 V, GTL
2.5 V / 3.3 V, HSTL Class I and II, SSTL2 Class I and II, SSTL3
Class I and II
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold Sparing I/Os
• Programmable Output Slew Rate and Drive Strength
• Programmable Input Delay
• Schmitt Trigger Option on Single-Ended Inputs
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the ProASIC®3E Family
Clock Conditioning Circuit (CCC) and PLL
• Six CCC Blocks, Each with an Integrated PLL
• Configurable Phase-Shift, Multiply/Divide, Delay Capabilities
and External Feedback
• Wide Input Frequency Range (1.5 MHz to 350 MHz)
SRAMs and FIFOs
• Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9,
and ×18 organizations available)
• True Dual-Port SRAM (except ×18)
• 24 SRAM and FIFO Configurations with Synchronous Operation
up to 350 MHz
ARM® Processor Support in ProASIC3E FPGAs
• M1 ProASIC3E Devices—Cortex-M1 Soft Processor Available
with or without Debug
Table 1-1 • ProASIC3E Product Family
ProASIC3E Devices
A3PE600
A3PE1500
A3PE3000
Cortex-M1 Devices 1
M1A3PE1500
M1A3PE3000
System Gates
600,000
1,500,000
3,000,000
VersaTiles (D-flip-flops)
13,824
38,400
75,264
RAM Kbits (1,024 bits)
108
270
504
4,608-Bit Blocks
24
60
112
FlashROM Kbits
11
1
Secure (AES) ISP
Yes
Yes
Yes
CCCs with Integrated PLLs2
66
6
VersaNet Globals3
18
18
18
I/O Banks
88
8
Maximum User I/Os
270
444
620
Package Pins
PQFP
FBGA
PQ208
FG256, FG484
PQ208
FG484, FG676
PQ208
FG324
, FG484, FG896
Notes:
1. Refer to the Cortex-M1 product brief for more information.
2. The PQ208 package supports six CCCs and two PLLs.
3. Six chip (main) and three quadrant global networks are available.
4. For devices supporting lower densities, refer to the ProASIC3 Flash Family FPGAs datasheet.
Revision 13


Similar Part No. - A3PE600-1PQG100I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE600-1PQG484 MICROSEMI-A3PE600-1PQG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-1PQG484ES MICROSEMI-A3PE600-1PQG484ES Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-1PQG484I MICROSEMI-A3PE600-1PQG484I Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-1PQG484PP MICROSEMI-A3PE600-1PQG484PP Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-1PQG484Y MICROSEMI-A3PE600-1PQG484Y Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3PE600-1PQG100I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-FG484 MICROSEMI-A3PE1500-FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com