Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2640K4-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # TN2640K4-G
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2640K4-G Datasheet(HTML) 2 Page - Supertex, Inc

  TN2640K4-G Datasheet HTML 1Page - Supertex, Inc TN2640K4-G Datasheet HTML 2Page - Supertex, Inc TN2640K4-G Datasheet HTML 3Page - Supertex, Inc TN2640K4-G Datasheet HTML 4Page - Supertex, Inc TN2640K4-G Datasheet HTML 5Page - Supertex, Inc TN2640K4-G Datasheet HTML 6Page - Supertex, Inc TN2640K4-G Datasheet HTML 7Page - Supertex, Inc TN2640K4-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TN2640
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Thermal Characteristics
Package
I
D
(continuous
)
(mA)
I
D
(pulsed)
(A)
Power Dissipation
@T
A = 25
O
C
(W)
θ
jc
(OC/W)
θ
ja
(OC/W)
I
DR
(mA)
I
DRM
(A)
TO-252 (D-PAK)
500
3.0
2.5
6.25
50
500
3.0
8-Lead SOIC
260
2.0
1.3
24
96
260
2.0
TO-92
220
2.0
0.74
125
170
220
2.0
Notes:
I
D (continuous) is limited by max rated Tj.
Mounted on FR4 board, 25mm x 25mm x 1.57mm
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
400
-
-
V
V
GS = 0V, ID = 1.0mA
V
GS(th)
Gate threshold voltage
0.8
-
2.0
V
V
GS = VDS, ID = 2.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-2.5
-4.0
mV/OC V
GS = VDS, ID = 2.0mA
I
GSS
Gate body leakage
-
100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
10
µA
V
GS = 0V, VDS = Max rating
-
-
1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125
O
C
I
D(ON)
On-state drain current
1.5
3.5
-
A
V
GS = 5.0V, VDS = 25V
2.0
4.0
-
V
GS = 10V, VDS = 25V
R
DS(ON)
Static drain-to-source
on-state resistance
-
3.2
5.0
Ω
V
GS = 4.5V, ID = 500mA
-
3.0
5.0
V
GS = 10V, ID = 500mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
0.75
%/OC
V
GS = 10V, ID = 500mA
G
FS
Forward transconductance
200
330
-
mmho V
DS = 25V, ID = 100mA
C
ISS
Input capacitance
-
210
225
pF
V
GS = 0V,
V
DS = 25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
30
50
C
RSS
Reverse transfer capacitance
-
8.0
15
8-Lead SOIC (LG)
Product Marking
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
SiTN
2 6 4 0
Y Y W W
TO-252 (D-PAK) (K4)
TO-92 (N3)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
Si YYWW
TN2640
LLLLLLL
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
N2640
L L L L
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or


Similar Part No. - TN2640K4-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TN2640K4-G MICROCHIP-TN2640K4-G Datasheet
926Kb / 14P
   N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
More results

Similar Description - TN2640K4-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com