Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72240B0551K001 Datasheet(PDF) 5 Page - EPCOS

Part # B72240B0551K001
Description  SIOV metal oxide varistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72240B0551K001 Datasheet(HTML) 5 Page - EPCOS

  B72240B0551K001 Datasheet HTML 1Page - EPCOS B72240B0551K001 Datasheet HTML 2Page - EPCOS B72240B0551K001 Datasheet HTML 3Page - EPCOS B72240B0551K001 Datasheet HTML 4Page - EPCOS B72240B0551K001 Datasheet HTML 5Page - EPCOS B72240B0551K001 Datasheet HTML 6Page - EPCOS B72240B0551K001 Datasheet HTML 7Page - EPCOS B72240B0551K001 Datasheet HTML 8Page - EPCOS B72240B0551K001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
1) Operating voltage differs from type designation
B72232B0421K001
B32K420
420
560
25000
600
1.2
B72240B0421K001
B40K420
420
560
40000
910
1.4
B72260B0421K001
B60K420
420
560
70000
1500
1.6
B72280B0421K001
B80K420
420
560
100000
2200
2.0
B72232B0441K001
B32K440
440
585
25000
630
1.2
B72240B0441K001
B40K440
440
585
40000
950
1.4
B72260B0441K001
B60K440
440
585
70000
1580
1.6
B72280B0441K001
B80K440
440
585
100000
2350
2.0
B72232B0461K001
B32K460
460
615
25000
660
1.2
B72240B0461K001
B40K460
460
615
40000
1000
1.4
B72260B0461K001
B60K460
460
615
70000
1650
1.6
B72280B0461K001
B80K460
460
615
100000
2500
2.0
B72232B0551K001
B32K550
550
745
25000
620
1.2
B72240B0551K001
B40K550
550
745
40000
960
1.4
B72260B0551K001
B60K550
550
745
70000
1500
1.6
B72280B0551K001
B80K550
550
745
100000
3100
2.0
B72232B0681K001
B32K680
680
895
25000
760
1.2
B72240B0681K001
B40K680
680
895
40000
1100
1.4
B72260B0681K001
B60K680
680
895
70000
1800
1.6
B72280B0681K001
B80K680
680
895
100000
3600
2.0
B72232B0751K001
B32K750
750
970
25000
800
1.2
B72240B0751K001
B40K750
750
970
40000
1200
1.4
B72260B0751K001
B60K750
750
970
70000
2000
1.6
B72280B0751K001
B80K750
750
970
100000
4000
2.0
B72260B0102K001
B60K10001)
1100
1465
70000
3000
1.6
B72280B0112K001
B80K1100
1100
1465
100000
6000
2.0
Maximum ratings (TA = 85 °C)
Ordering code
Type
SIOV-
VRMS
V
VDC
V
imax
(8/20
µs)
A
Wmax
(2 ms)
J
Pmax
W
Varistor elements without plastic housing (suitable for soldering) are available upon request.
HighE series
Block varistors


Similar Part No. - B72240B0551K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72240B0551K001 EPCOS-B72240B0551K001 Datasheet
96Kb / 7P
   Block Varistors HighE Series
More results

Similar Description - B72240B0551K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com