Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC002637 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # EC002637
Description  Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC002637 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  EC002637 Datasheet HTML 1Page - PHOENIX CONTACT EC002637 Datasheet HTML 2Page - PHOENIX CONTACT EC002637 Datasheet HTML 3Page - PHOENIX CONTACT EC002637 Datasheet HTML 4Page - PHOENIX CONTACT EC002637 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/2908993
29.01.2013   Page 3 / 5
Base strip - MSTBO 2.5/ 4 G1R BK - 2908993
Approvals
CSA 
 
B
D
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V
UL Recognized 
 
B
D
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V
VDE Gutachten mit Fertigungsüberwachung 
 
 
Nominal current IN
8 A
Nominal voltage UN
250 V
cUL Recognized 
 
B
D
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V
IECEE CB Scheme 
 
 
Nominal current IN
8 A
Nominal voltage UN
250 V
GOST 
cULus Recognized 


Similar Part No. - EC002637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC002637 PHOENIX-EC002637 Datasheet
72Kb / 4P
   Base strip - MCV 1,5/ 7-GFR-3,81 P26 THR
EC002637 PHOENIX-EC002637 Datasheet
72Kb / 4P
   Electronic housing - PC 5/ 9-GF-7,62
EC002637 PHOENIX-EC002637 Datasheet
74Kb / 3P
   Printed-circuit board connector - BCDH-500H- 5 GY
EC002637 PHOENIX-EC002637 Datasheet
87Kb / 3P
   Printed-circuit board connector - BCH-500H-12 BK
EC002637 PHOENIX-EC002637 Datasheet
54Kb / 3P
   Printed-circuit board connector - BCVP-350W-13 GN
More results

Similar Description - EC002637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1893313 PHOENIX-1893313 Datasheet
74Kb / 6P
   Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
85366990 PHOENIX-85366990 Datasheet
129Kb / 8P
   Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
   , rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
   Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
   DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
PLH5 PHOENIX-PLH5 Datasheet
165Kb / 6P
   PCB terminal block, Nominal current: 41 A, Nom. voltage: 1000 V
logo
Recom International Pow...
RAZ-0505S RECOM-RAZ-0505S Datasheet
107Kb / 2P
   25째C, nominal input voltage and rated output current unless otherwise specified
RTM-0505S RECOM-RTM-0505S Datasheet
103Kb / 2P
   25째C, nominal input voltage and rated output current unless otherwise specified
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com